Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C331MFT18A-85BI Datasheet(PDF) 14 Page - Alliance Semiconductor Corporation

Part # AS7C331MFT18A-85BI
Description  3.3V 1M x 18 Flow-through synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MFT18A-85BI Datasheet(HTML) 14 Page - Alliance Semiconductor Corporation

Back Button AS7C331MFT18A-85BI Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BI Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BI Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BI Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BI Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BI Datasheet HTML 15Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BI Datasheet HTML 16Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BI Datasheet HTML 17Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BI Datasheet HTML 18Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
®
AS7C331MFT18A
1/21/05, v 1.4
Alliance Semiconductor
14 of 19
Timing waveform of read/write cycle(ADSC controlled, ADSP = HIGH)
Note: ADV is don’t care here.
tCYC
tCH
tCL
tADSCH
CLK
ADSC
ADDRESS
A2
A1
tADSCS
A3
A4
A6
A5
A7
A8
A9
tAH
tAS
BWE
tWH
tWS
tCSH
CE0,CE2
tCSS
tLZOE
tOE
tHZOE
Q(A1)
Q(A2)
Q(A3)
Q(A4)
Q(A9)
Q(A10)
tCD
tOH
D(A6)
D(A7)
D(A5)
tDS
tDH
OE
Dout
Din
READ
Q(A1)
READ
Q(A2)
READ
Q(A3)
READ
Q(A4)
WRITE
D(A5)
WRITE
D(A6)
WRITE
D(A7)
WRITE
D(A8)
READ
Q(A10)
CE1
A10
D(A8)
READ
Q(A9)
BW[a:b]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com