Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E2S Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E2S
Description  Miniature Square Inductive Proximity Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E2S Datasheet(HTML) 2 Page - Omron Electronics LLC

  E2S Datasheet HTML 1Page - Omron Electronics LLC E2S Datasheet HTML 2Page - Omron Electronics LLC E2S Datasheet HTML 3Page - Omron Electronics LLC E2S Datasheet HTML 4Page - Omron Electronics LLC E2S Datasheet HTML 5Page - Omron Electronics LLC E2S Datasheet HTML 6Page - Omron Electronics LLC E2S Datasheet HTML 7Page - Omron Electronics LLC E2S Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
D-62
Inductive Sensors
Ordering Information
Sensors
DC 2-wire Models
* Models with different response frequency are available (NO only). These model numbers take the form E2S-###B (e.g., E2S-W11B)
DC 3-wire Models
* Models with different response frequency are available (NO only). These model numbers take the form E2S-###B (e.g., E2S-W11B)
Accessories (Order Separately)
Mounting Brackets
Nomenclature
Shape
Sensing surface
Sensing distance
Model
Operating status
NO
NC
Front face
E2S-W11 *
E2S-W12
End face
E2S-Q11 *
E2S-Q12
Front face
E2S-W21 *
E2S-W22
End face
E2S-Q21 *
E2S-Q22
Shape
Sensing surface
Sensing distance
Output
specifications
Model
Operating status
NO
NC
Front face
NPN
E2S-W13*
E2S-W14
End face
E2S-Q13*
E2S-Q14
Front face
E2S-W23*
E2S-W24
End face
E2S-Q23*
E2S-Q24
Front face
PNP
E2S-W15*
E2S-W16
End face
E2S-Q15*
E2S-Q16
Front face
E2S-W25*
E2S-W26
End face
E2S-Q25*
E2S-Q26
Shape
Model
Quantity
Remarks
Y92E-C1R6
1
Provided with E2S-#1##
Y92E-C2R5
Provided with E2S-#2##
Y92E-D1R6
---
Y92E-D2R5
---
Unshielded
1.6mm
2.5mm
Unshielded
1.6mm
2.5mm
1.6mm
2.5mm
E2S - ####
A Compact square
series
B Sensing direction
W: Front face sensing
Q: End face sensing
C Size and sensing distance
(standard sensing object)
1: 5.5 x 5.5 mm, 1.6 mm (iron)
2: 8 x 8 mm, 2.5 mm (iron)
D Output
1: DC 2-wire NO
2: DC 2-wire NC
3: DC 3-wire NPN NO
4: DC 3-wire NPN NC
5: DC 3-wire PNP NO
6: DC 3-wire PNP NC
E Different response
frequency
No: Standard
B: Different response
frequency
AB C D E
F502-EN2-04.book Seite 62 Dienstag, 26. Juli 2005 5:48 17



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com