Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N5817WS Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # 1N5817WS
Description  Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

1N5817WS Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  1N5817WS Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, 1N5817WS Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, 1N5817WS Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1N5817WS-1N5819WS
Schottky Barrier Rectifiers
www.pingjingsemi.com
2 / 3
Revision:1.0 Jun-2018
Typical Characteristic Curves
0.1
0
0.7
Fig.3 Typical Forward Characteristic
0.1
0.2
0.3
0.4
0.5
Instaneous Forward Voltage (V)
1.0
0.2
0.5
0.6
Fig.2 Typical Reverse Characteristics
TJ=25°C
TJ=75°C
TJ=125°C
0
20
40
60
80
100
Percent of Rated Peak Reverse Voltage(%)
10 0
101
10 2
10 3
10 4
10
Fig.4 Typical Junction Capacitance
0.1
1
10
Reverse Voltage (V)
100
200
500
20
50
100
Fig.1 Forward Current Derating Curve
0.2
0.4
0.6
0.8
1.0
1.2
0.0
25
125
150
Single phase half-wave 60 Hz
resistive or inductive load
50
75
100
Case
Temperature (°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com