Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1F-10 Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MB1F-10
Description  SURFACE MOUNT BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MB1F-10 Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MB1F-10 Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MB1F-10 Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MB1F-10 Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
e
e
E
∠ALL ROUND
HE
L
C
L1
a
A
d
MBF mechanical data
UNIT
A
C
D
E
HE
d
e
L
L1
a
∠
mm
max
1.6
0.22
5.0
4.1
7.0
2.7
0.8
1.7
1.1
0.2
7
○
min
1.2
0.15
4.5
3.6
6.4
2.3
0.5
1.3
0.5
—
mil
max
63
8.7
197
161
276
106
31
67
43
8
min
47
5.9
177
142
252
91
20
51
20
—
PACKAGE OUTLINE
MBF
Device
Package
Shipping
MB1F-10 thru MB10F-10
MBF
3,000/Tape & Reel (11 inches)
5,000/Tape & Reel (13 inches)
ORDERING INFORMATION
MB1F-10 T
hru MB10F-10
3 / 3
www.pingjingsemi.com
Revision:1.0 Oct-2017



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com