Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB2F-PJ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # MB2F-PJ
Description  SURFACE MOUNT BRIDGE RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

MB2F-PJ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  MB2F-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, MB2F-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, MB2F-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MB1F-PJ thru MB10F-PJ
SURFACE MOUNT BRIDGE RECTIFIERS
Forward Current-0.8A
Reverse Voltage-100V to 1000V
Ratings at 25
℃ ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derating by 20 %.
PARAMETER
SYMBOL MB1F-PJ MB2F-PJ MB4F-PJ MB6F-PJ MB8F-PJMB10F-PJ UNIT
Maximum Repetitive Peak Reverse
Voltage
VRRM
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current at Tc = 125 °C
IF(AV)
0.8
A
Peak Forward Surge Current(Note1)
IFSM
30
A
Maximum For
ward Voltage at 0.8A
VF
1.1
Maximum DC Reverse Current at
Rated DC Blocking Voltage TA=25
℃
TA=150
℃
IR
5
40
uA
Typical Junct
ion Capacitance(Note1)
CJ
13
Typical Thermal Resistance(Note3)
RθJA
RθJc
90
30
℃/W
Operating and Storage Temperature
Range
TJ,TSTG
-55 to +150
℃
Notes:
1. Measured at 8.3 ms single half sine wave superimposed on rated load (JEDEC Method).
2. Measured at 1MHz and applied reverse voltage of 4 V D.C.
3. Mounted on glass epoxy PC board with 1.5"×1.5"(3.81×3.81 cm
) copper pad .
FEATURES
For surface mount applications
Glass passivated chip junction
Reverse voltage: 100V to 1000V
Forward current: 0.8A
High surge current capability
PIN
DESCRIPTION
1
Input Pin
(~)
2
Input Pin
(~)
3
Output Anode
(+)
4
Output Cathode
(-)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
MECHANICAL DATA
Case: MBF molded plastic body
Terminals:Solderable per MIL-STD-750,Method 2026
Weight: Approximated 0.075grams
PINING
MBF Package
1
2
3
4
1 / 3
www.pingjingsemi.com
Revi
sion:1.0 Oct-2017


Similar Part No. - MB2F-PJ

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
MB2F-05 YFWDIODE-MB2F-05 Datasheet
424Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB2F-05 YFWDIODE-MB2F-05 Datasheet
476Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
MB2F-05 YFWDIODE-MB2F-05 Datasheet
493Kb / 3P
0.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE
MB2F-10 YFWDIODE-MB2F-10 Datasheet
476Kb / 3P
1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dongguan Pingjingsemi T...
MB2F-10 PJSEMI-MB2F-10 Datasheet
568Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results

Similar Description - MB2F-PJ

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
Surface Mount Bridge Rectifiers
DB201S SECOS-DB201S_17 Datasheet
182Kb / 2P
Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
ABS2 JUXING-ABS2_18 Datasheet
2Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ABS22 JUXING-ABS22_V01 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
ABS152 JUXING-ABS152 Datasheet
3Mb / 2P
SURFACE MOUNT BRIDGE RECTIFIERS
TMBF301 JUXING-TMBF301 Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
ULBF508 JUXING-ULBF508 Datasheet
957Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB05S. JUXING-UMB05S. Datasheet
1Mb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
UMB10F JUXING-UMB10F Datasheet
922Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com