Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12F-PJ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # SS12F-PJ
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

SS12F-PJ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  SS12F-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, SS12F-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, SS12F-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SS12F-
PJ thru SS120F-PJ
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Forward Current-1A
Reverse Voltage-20V to 200V
Case: SMAF molded plastic body
Terminals: Solderable per MIL-STD-750
, Method 2026
Weight: Approximated 0.027 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derating by 20 %.
PARAMETER
SYMBOL SS12F
-
PJ
SS14F
-
PJ
SS16F
-
PJ
SS18F
-
PJ
SS110F
-
PJ
SS112F
-
PJ
SS115F
-
PJ
SS120F
-
PJ
UNIT
Maximum Repetitive Peak Reverse
Voltage
VRRM
20
40
60
80
100
120
150
200
V
Maximum RMS Voltage
VRMS
14
28
42
56
70
84
105
140
V
Maximum DC Blocking Voltage
VDC
20
40
60
80
100
120
150
200
V
Maximum Average Forward
Rectified Current at TC=125℃
IF(AV)
1.0
A
Peak Forward Surge Current
(Note1)
IFSM
30
A
Maximum Forward Voltage at 1.0 A
VF
0.55
0.70
0.85
0.90
V
Maximum DC Reverse Current at
Rated DC Blocking Voltage at
TA=25℃
TA=100℃
IR
0.3
10
0.2
5
0.1
2
mA
Typical Junction Capacitance
(Note2)
CJ
110
80
pF
Typical Thermal Resistance(Note3)
RθJA
95
℃
/W
Storage Temperature Range
TJ
-55 to +150
℃
Notes: 1. Measured at 8.3 ms single half sine wave superimposed on rated load (JEDEC Method).
2. Measured at 1MHz and applied reverse voltage of 4 V D.C.
3. P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
FEATURES
For surface mount applications
High forward surge current capability
Low power loss,high efficiency
Metal silicon junction,majority carriers conduction
MECHANICAL DATA
PIN
DESCRIPTION
1
Cathode
2
Anode
1
2
PIN
NING
TSTG
Operating Junction Temperature
Range
-55 to +125
℃
Top View
Marking Code: SS12 — SS120
Simplified outline SMAF and symbol
1 / 3
www.pingjingsemi.com
Revision:1.0 Oct-2017


Similar Part No. - SS12F-PJ

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
SS12F-SMAF YFWDIODE-SS12F-SMAF Datasheet
424Kb / 3P
Surface Mount Schottky Barrier Rectifier
SS12F-SMAF YFWDIODE-SS12F-SMAF_17 Datasheet
424Kb / 3P
Surface Mount Schottky Barrier Rectifier
More results

Similar Description - SS12F-PJ

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B220A WEITRON-B220A Datasheet
75Kb / 3P
Surface Mount Schottky Barrier Rectifiers
B320A WEITRON-B320A Datasheet
166Kb / 3P
Surface Mount Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD820T PANJIT-SD820T_05 Datasheet
427Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Galaxy Semi-Conductor H...
SS32 BILIN-SS32 Datasheet
86Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK12 BILIN-SK12 Datasheet
149Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
B320B BILIN-B320B Datasheet
97Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
Surface Mount Schottky Barrier Rectifiers
04-Aug-08
logo
SeCoS Halbleitertechnol...
SCS400D SECOS-SCS400D_15 Datasheet
434Kb / 2P
Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com