Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS12-PJ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # SS12-PJ
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

SS12-PJ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  SS12-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, SS12-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, SS12-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
2 / 3
www.pingjingsemi.com
Revision:1.0 Oct-2017
10
Fig.4 Typical Junction Capacitance
0.1
1
10
Reverse Voltage (V)
100
200
500
20
50
100
SS12-PJ/SS14-PJ
SS16-PJ-SS120-PJ
TJ=25°C
0.1
0
0.2
0.4
1.4
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
1.0
10
0.6
0.8
1.0 1.2
1.8
1.6
SS12-PJ/SS14-PJ
SS16-PJ/SS18-PJ
SS110-PJ/SS112-PJ
SS115-PJ/SS120-PJ
20
Fig.1 Forward Current Derating Curve
0.5
1.0
1.5
0.0
25
50
75
100
125
150
Single phase half-wave 60 Hz
resistive or inductive load
100
1
06
12
18
00
24
36
30
Fig.5 Maximum Non-Repetitive Peak
Forward Sur
ge Current
10
Number of Cycles at 60Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
Fig.2 Typical Reverse Characteristics
TJ=25°C
TJ=100°C
0
20
40
60
80
100
Percent of Rated Peak Reverse Voltage(%)
10 0
101
10 2
10 3
10 4
TJ=75°C
SS12-PJ/SS14-PJ
SS16-PJ-SS120-PJ
0.01
100
1
10
100
Fig.6- Typical Transient Thermal Impedance
0.1
1
10
t,
Pulse Duration(sec)
Case Temperature (°C)
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS12-
PJ thru SS120-PJ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com