Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22BF-PJ Datasheet(PDF) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # SS22BF-PJ
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

SS22BF-PJ Datasheet(HTML) 2 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  SS22BF-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, SS22BF-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, SS22BF-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
0.1
0
0.2 0.4
1.4
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
1.0
10
0.6
0.8
1.0
1.2
1.8
1.6
SS22BF-PJ/SS24BF-PJ
SS26BF-PJ/SS28BF-PJ
SS210BF-PJ/SS212BF-PJ
SS215BF-PJ/SS220BF-PJ
20
Fig.2 Typical Reverse Characteristics
TJ=25°C
TJ=100°C
0
20
40
60
80
100
Percent of Rated Peak Reverse Voltage(%)
10 0
101
10 2
10 3
10 4
TJ=75°C
SS22BF-PJ/SS26BF-PJ
SS28BF-PJ-SS220BF-PJ
FFiigg..1 F
1 Foorrw
waarrd C
d Cuurrrreennt D
t Deerraattiinng C
g Cuurrvvee
0.01
100
1
10
100
Fig.6- Typical Transient Thermal Impedance
10
0.1
1
t,
Pulse Duration(sec)
Fig.4 Typical Junction Capacitance
1
10
Reverse Voltage (V)
10
0.1
100
500
20
100
1000
TJ=25°C
200
SS22BF-PJ~SS26BF-PJ
SS28BF-PJ~SS220BF-PJ
0.5
1.0
1.5
2.0
2.5
3.0
0.0
25
50
75
100
125
150
Single phase half-wave 60 Hz
resistive or inductive load
Case Temperature (°C)
TJ=25°C
Fig.5 Maximum Non-Repetitive Peak
Forward Surge Current
10
Number of Cycles at 60Hz
100
1
10
20
30
00
40
60
50
8.3 ms Single Half
Sine Wave
(JEDEC Method)
SS22BF-PJ thru SS220BF-PJ
2 / 3
www.pingjingsemi.com
Revision:1.0 Oct-2017



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com