Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS18-PJ Datasheet(PDF) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # SS18-PJ
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

SS18-PJ Datasheet(HTML) 3 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  SS18-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, SS18-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, SS18-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PACKAGE OUTLINE
3 / 3
www.pingjingsemi.com
Revision:1.0 Oct-2017
SMA
RECOMMEND MOUNTING PAD SIZE
SMA Mechanical Data
UNIT
A
D
E
HE
a
c
e
g
mm
max
2.2
4.5
2.7
5.2
0.3
0.31
1.6
1.5
min
1.9
4.0
2.3
4.7
0.15
1.3
0.9
mil
max
87
181
106
205
12
12
63
59
min
75
157
91
185
6
51
35
2.2
(86)
1.8
(71)
1.8
(71)
Unit :
mm
(mil)
ORDERING INFORMATION
Device
Package
Shipping
SS12-PJ thru SS120-PJ
SMA
5,000/ Tape & Reel (13 inches)
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SS12-
PJ thru SS120-PJ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com