Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US5KBF-PJ Datasheet(PDF) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

Part # US5KBF-PJ
Description  SURFACE ULTRAFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PJSEMI [Dongguan Pingjingsemi Technology Co., Ltd,]
Direct Link  http://www.pingjingsemi.com/MainEn/Main.aspx
Logo PJSEMI - Dongguan Pingjingsemi Technology Co., Ltd,

US5KBF-PJ Datasheet(HTML) 1 Page - Dongguan Pingjingsemi Technology Co., Ltd,

  US5KBF-PJ Datasheet HTML 1Page - Dongguan Pingjingsemi Technology Co., Ltd, US5KBF-PJ Datasheet HTML 2Page - Dongguan Pingjingsemi Technology Co., Ltd, US5KBF-PJ Datasheet HTML 3Page - Dongguan Pingjingsemi Technology Co., Ltd,  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
US5ABF-
PJ thru US5MBF-PJ
SURFACE ULTRAFAST RECOVERY RECTIFIERS
Case: SMBF molded plastic body
Terminals: Solderable per MIL-STD- 750, Method 2026
Weight: Approximated 0.057 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derating by 20 %.
PARAMETER
SYMBOL
US5ABF
-
PJ
US5BBF
-
PJ
US5DBF
-
PJ
US5GBF
-
PJ
US5JBF
-
PJ
US5KBF
-
PJ
US5MBF
-
PJ
UNIT
Maximum Repetitive Peak Reverse
Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified
Current at TC=100℃
IF(AV)
5.0
A
Peak Forward Surge Current (Note1)
IFSM
150
A
Maximum Forward Voltage at 5.0 A
VF
1.0
1.3
1.68
V
Maximum DC Reverse Current at Rated
DC Blocking Voltage TA=25℃
TA=125℃
IR
10
150
uA
Maximum Reverse Recovery Time
(Note2)
Trr
50
75
nS
Typical Thermal Resistance (Note3)
RθJA
RθJC
40
12
℃
/W
Operating and Storage Temperature
Range
TJ,TSTG
-55 to +150
℃
Notes: 1. Measured at 8.3 ms single half sine wave superimposed on rated load (JEDEC Method).
2. Measured at with IF=0.5A, IR=1A, Irr=0.25A.
3. P.C.B. mounted with 2.0" X 2.0" (5 X 5 cm) copper pad areas.
FEATURES
For surface mount applications
Glass passivated chip junction
Low profile package
Easy to pick and place
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
PIN
DESCRIPTION
1
Cathode
2
Anode
PIN
NING
1
2
1 / 3
www.pingjingsemi.com
Revision:1.0 Oct-2017
Top View
Marking Code: U5AB~U5MB
Simplified outline SMBF symbol


Similar Part No. - US5KBF-PJ

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
US5KBF ZSELEC-US5KBF Datasheet
96Kb / 2P
5 .0A SURFACE MOUNT ULTRAFAST DIODE
logo
Shanghai Yint Electroni...
US5KBF YINT-US5KBF Datasheet
473Kb / 3P
SURFACE MOUNT ULTRAFAST RECOVERY RECTIFIER
logo
Microdiode Semiconducto...
US5KBF CHENDA-US5KBF Datasheet
799Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
US5KBF YFWDIODE-US5KBF Datasheet
476Kb / 3P
Surface Mount Ultrafast Recovery Rectifier
logo
SHIKUES Electronics
US5KBF SKTECHNOLGY-US5KBF Datasheet
1Mb / 3P
Surface Mount Ultrafast Recovery Rectifier
More results

Similar Description - US5KBF-PJ

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1600FCT PANJIT-UF1600FCT_09 Datasheet
95Kb / 2P
ULTRAFAST RECOVERY RECTIFIERS
UF3006PT PANJIT-UF3006PT Datasheet
64Kb / 4P
ULTRAFAST RECOVERY RECTIFIERS
logo
Dongguan Pingjingsemi T...
US1AFL-PJ PJSEMI-US1AFL-PJ Datasheet
676Kb / 3P
SURFACE ULTRAFAST RECOVERY RECTIFIERS
US1AF-PJ PJSEMI-US1AF-PJ Datasheet
726Kb / 3P
SURFACE ULTRAFAST RECOVERY RECTIFIERS
US1A-PJ PJSEMI-US1A-PJ Datasheet
457Kb / 3P
SURFACE ULTRAFAST RECOVERY RECTIFIERS
US2AF-PJ PJSEMI-US2AF-PJ Datasheet
722Kb / 3P
SURFACE ULTRAFAST RECOVERY RECTIFIERS
US3ABF-PJ PJSEMI-US3ABF-PJ Datasheet
463Kb / 3P
SURFACE ULTRAFAST RECOVERY RECTIFIERS
US3AF-PJ PJSEMI-US3AF-PJ Datasheet
721Kb / 3P
SURFACE ULTRAFAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
MUR20120C RECTRON-MUR20120C Datasheet
212Kb / 4P
ULTRAFAST RECOVERY RECTIFIERS
MUR6060PT RECTRON-MUR6060PT Datasheet
231Kb / 4P
ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com