Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E8Y-A2C-R Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E8Y-A2C-R
Description  Differential Pressure Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E8Y-A2C-R Datasheet(HTML) 6 Page - Omron Electronics LLC

  E8Y-A2C-R Datasheet HTML 1Page - Omron Electronics LLC E8Y-A2C-R Datasheet HTML 2Page - Omron Electronics LLC E8Y-A2C-R Datasheet HTML 3Page - Omron Electronics LLC E8Y-A2C-R Datasheet HTML 4Page - Omron Electronics LLC E8Y-A2C-R Datasheet HTML 5Page - Omron Electronics LLC E8Y-A2C-R Datasheet HTML 6Page - Omron Electronics LLC E8Y-A2C-R Datasheet HTML 7Page - Omron Electronics LLC E8Y-A2C-R Datasheet HTML 8Page - Omron Electronics LLC E8Y-A2C-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
E8Y
E8Y
7
s OUTPUT CIRCUIT DIAGRAM
s WIRING
Color
Comparison output type
Linear output type
Brown
Power supply 12 to 24 V
Power supply 12 to 24 V
Blue
0 V
0 V
Black
Comparison output 1
Comparison output 1
White
Comparison output 2
Comparison output 2
Gray
—
Linear output
Dimensions
Unit: mm (inch)
s CONTROLLER OF PRESSURE SENSOR
Standard Port (Pressure Port 4.5 dia.) Type
E8Y-A2C
E8Y-A5C
E8Y-A2Y
E8Y-A5Y
E8Y-A2C-D
E8Y-A5C-D
E8Y-A2Y-D
E8Y-A5Y-D
Die-cast Port (Pressure Port Rc(PT) 1/8) Type
E8Y-A2C-R
E8Y-A5C-R
E8Y-A2Y-R
E8Y-A5Y-R
E8Y-A2C-RD
E8Y-A5C-RD
E8Y-A2Y-RD
E8Y-A5Y-RD
4.5 dia.
pressure port (-)
18
(0.71)
22 (0.87)
15 (0.59)
31 (1.22)
30
(1.18)
5 (0.20)
29.8
±0.6
(1.17
±0.02)
39.8 (1.57)
10
(0.39)
4.5 dia.
pressure port (+)
22
(0.87)
Four-M3 screw depth 5.2
(hole depth 8.2)
Mounting Dimensions
Two-3.7 dia.
Note: When attaching the
Mounting Bracket to
the Sensor, make
sure that each M3
screw is tightened to
a torque of 0.54 N•m
(5.5 kgf•cm) max.
22
(0.87)
31 (1.22)
30
(1.18)
5 (0.20)
17 (0.67)
18
(0.71)
29.8
±0.6
(1.17
±0.02)
39.8 (1.57)
10
(0.39)
Rc (PT) 1/8
pressure port (-)
22 (0.87)
Rc (PT) 1/8
pressure port (+)
22
(0.87)
Four-M3 screw depth 5.2
(hole depth 8.2)
Mounting Dimensions
Two-3.7 dia.
Note: When attaching the
Mounting Bracket to
the Sensor, make
sure that each M3
screw is tightened to
a torque of 0.54 N•m
(5.5 kgf•cm) max.
22
(0.87)
1/8 NPT
pressure port (-)
1/8 NPT
pressure port (+)
OUT1
(Yellow)
OUT2
(Yellow)
Main
circuit of
pressure
sensor
OUT1
OUT2
Brown
Load
Black
White
Gray
Blue
100
mA
max.
12 to 24 V
Load
100 mA
max.
Load
0 V
Linear output (4 to 20 mA)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com