Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C331MFT18A-85BIN Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # AS7C331MFT18A-85BIN
Description  3.3V 1M x 18 Flow-through synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MFT18A-85BIN Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  AS7C331MFT18A-85BIN Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BIN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BIN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BIN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BIN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C331MFT18A-85BIN Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
January 2005
Copyright © Alliance Semiconductor. All rights reserved.
®
AS7C331MFT18A
1/21/05, v 1.4
Alliance Semiconductor
1 of 19
3.3V 1M x 18 Flow-through synchronous SRAM
Features
• Organization: 1,048,576 words x18 bits
• Fast clock to data access: 6.8/7.5/8.5/10 ns
•Fast OE access time: 3.5/4.0 ns
• Fully synchronous flow-through operation
• Asynchronous output enable control
• Available 100-pin TQFP packages
• Individual byte write and global write
• Multiple chip enables for easy expansion
• 3.3 V core power supply
• 2.5 V or 3.3V I/O operation with separate VDDQ
• Linear or interleaved burst control
• Common data inputs and data outputs
• Snooze mode for reduced power-standby
Logic block diagram
Selection guide
-68
-75
-85
-10
Units
Minimum cycle time
7.5
8.5
10
12
ns
Maximum clock access time
6.8
7.5
8.5
10
ns
Maximum operating current
285
275
250
230
mA
Maximum standby current
90
90
80
80
mA
Maximum CMOS standby current (DC)
60
60
60
60
mA
Burst logic
ADV
ADSC
ADSP
CLK
LBO
CLK
CLR
CS
20
18
20
A[19:0]
20
Address
D
Q
CS
CLK
register
1M x 18
Memory
array
18
18
DQb
CLK
DQ
Byte Write
registers
DQa
CLK
DQ
Byte Write
registers
Enable
CLK
DQ
register
Enable
CLK
DQ
delay
register
CE
Output
buffers
Input
registers
Power
down
DQ[a,b]
2
CE0
CE1
CE2
BWb
BWa
OE
ZZ
OE
CLK
BWE
GWE
18


Similar Part No. - AS7C331MFT18A-85BIN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C331MFT32A ALSC-AS7C331MFT32A Datasheet
522Kb / 19P
3.3V 1M x 32/36 Flow-through synchronous SRAM
AS7C331MFT32A-10TQC ALSC-AS7C331MFT32A-10TQC Datasheet
522Kb / 19P
3.3V 1M x 32/36 Flow-through synchronous SRAM
AS7C331MFT32A-10TQCN ALSC-AS7C331MFT32A-10TQCN Datasheet
522Kb / 19P
3.3V 1M x 32/36 Flow-through synchronous SRAM
AS7C331MFT32A-10TQI ALSC-AS7C331MFT32A-10TQI Datasheet
522Kb / 19P
3.3V 1M x 32/36 Flow-through synchronous SRAM
AS7C331MFT32A-10TQIN ALSC-AS7C331MFT32A-10TQIN Datasheet
522Kb / 19P
3.3V 1M x 32/36 Flow-through synchronous SRAM
More results

Similar Description - AS7C331MFT18A-85BIN

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1383C CYPRESS-CY7C1383C Datasheet
564Kb / 36P
18-Mb (512K x 36/1M x 18) Flow-Through SRAM
logo
Alliance Semiconductor ...
AS7C331MFT32A ALSC-AS7C331MFT32A Datasheet
522Kb / 19P
3.3V 1M x 32/36 Flow-through synchronous SRAM
AS7C332MFT18A ALSC-AS7C332MFT18A Datasheet
511Kb / 19P
3.3V 2M x 18 Flow-through synchronous SRAM
AS7C33128FT18B ALSC-AS7C33128FT18B Datasheet
399Kb / 19P
3.3V 128K x 18 Flow Through Synchronous SRAM
AS7C33256FT18B ALSC-AS7C33256FT18B Datasheet
401Kb / 19P
3.3V 256K x 18 Flow Through Synchronous SRAM
AS7C33512FT18A ALSC-AS7C33512FT18A Datasheet
506Kb / 19P
3.3V 512K x 18 Flow-through synchronous SRAM
logo
Cypress Semiconductor
CY7C1381D CYPRESS-CY7C1381D Datasheet
469Kb / 29P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381D CYPRESS-CY7C1381D_07 Datasheet
1Mb / 29P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381DV25 CYPRESS-CY7C1381DV25 Datasheet
1Mb / 28P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
CY7C1381CV25 CYPRESS-CY7C1381CV25 Datasheet
501Kb / 35P
18-Mbit (512K x 36/1M x 18) Flow-Through SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com