Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM3501 Datasheet(PDF) 11 Page - SamHop Microelectronics Corp.

Part # SM3501
Description  FAN CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM3501 Datasheet(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button SM3501 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM3501 Datasheet HTML 12Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Page 11
SM3501BX APPLICATION CIRCUIT
V.2.0 Mar 8,2002
MID
STR
OPTION2
VSS
COM2
COM1
MODE
TIMER
ON-OFF/
OFF
TGI
LOW
TGO
BUZ
OSC1
OSC2
OPTION1
VDD
SPEED
SPEED
10KΩ
2HR
STR
4HR
MID
LOW
100
Ω
100
Ω
1/2HR
SLP
1HR
RHY
NOR
LIGHT
SWING
10KΩ
10KΩ
10KΩ
10KΩ
SPEED
TIMER
MODE
-5V
-5V
470
Ω
470
Ω
TO VSS
20p
20p
455KHz
-5V
470Ω
560Ω
470Ω
SM3501BX
M1
Loading
LM
S
AC INPUT
SM3501
FAN CONTROLLER
SAMHOP Microelectronics Corp.
三合微科股份有限公司



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com