Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM3501AX Datasheet(PDF) 9 Page - SamHop Microelectronics Corp.

Part # SM3501AX
Description  FAN CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM3501AX Datasheet(HTML) 9 Page - SamHop Microelectronics Corp.

Back Button SM3501AX Datasheet HTML 4Page - SamHop Microelectronics Corp. SM3501AX Datasheet HTML 5Page - SamHop Microelectronics Corp. SM3501AX Datasheet HTML 6Page - SamHop Microelectronics Corp. SM3501AX Datasheet HTML 7Page - SamHop Microelectronics Corp. SM3501AX Datasheet HTML 8Page - SamHop Microelectronics Corp. SM3501AX Datasheet HTML 9Page - SamHop Microelectronics Corp. SM3501AX Datasheet HTML 10Page - SamHop Microelectronics Corp. SM3501AX Datasheet HTML 11Page - SamHop Microelectronics Corp. SM3501AX Datasheet HTML 12Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Page 9
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICCS
Unit
V
mW
V
V
Symbol
VO - Vss
Pa
VDD - Vss
VI - Vss
Topr
Tstg
Parameter
Output voltage
Maximum power consumption
Supply Voltage
Input Voltage
Operating temperaturer
Storage temperature
Stand-by current
OSC stop
all output pins open
all input fixed to VDD
μA
ISB
500
Supply voltage
V
VDD - Vss
4
5
6
Parameter
Conditions
Unit
Limit
Symbol
Min.
Typ. Max.
Source current
(OFF, MODE, SPEED,
SWING, TIMER)
VOH=+4.3V
mA
IOH
15
Triac sink current
(S, M, L, SWING)
VOL=+0.7V
mA
IOL
25
Sink current
(COM1 ~ COM2)
VOL=+0.7V
mA
IOL
60
Sink current
(BUZ)
VOL=+0.7V
mA
IOL
10
V.2.0 Mar 8,2002
Conditions
VDD - Vss = 5 V
Ratings
Vss -0.3 ~ VDD +0.3
500
-0.3 ~ 6
Vss -0.3 ~ VDD +0.3
-10 ~ 70
-40 ~ 125
SM3501
FAN CONTROLLER
SAMHOP Microelectronics Corp.
三合微科股份有限公司



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com