Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM3502 Datasheet(PDF) 11 Page - SamHop Microelectronics Corp.

Part # SM3502
Description  FAN CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM3502 Datasheet(HTML) 11 Page - SamHop Microelectronics Corp.

Back Button SM3502 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 10Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 11Page - SamHop Microelectronics Corp. SM3502 Datasheet HTML 12Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Test conditions
Ratings
Unit
Supply Voltage
VDD-VSS
Input Voltage
Output Voltage
Maximum Power
Consumption
Operating Temperature
Storage Temperature
Vi-VSS
Vo-VSS
Pa
Topr
Tstg
VDD-VSS=5V
-0.3~6
VSS-0.3~VDD+0.3
-40~125
-10~70
500
V
C
mW
V
V
C
VSS-0.3~VDD+0.3
Page 11
V.1.0
SM3502 POWER SUPPLY APPLICATION CIRCUIT
1A
47
/1W
110V AC INPUT
100K/1W
3.3uF/250V
1N4004
1N4004
220uF
16V
47
/ 0.25W
47
/ 0.25W
5.1V
0.5W
470uF
16V
VSS/-5.1V
GND
1A
180
/ 1W
220V AC INPUT
200K / 1W
1.2uF / 400V
1N4004
1N4004
220uF
16V
47
/ 0.25W
47
/ 0.25W
5.1V
0.5W
470uF
16V
VSS/-5.1V
GND
180
/ 1W
Ω
Ω
Ω
Ω
Ω
Ω
Ω
SM3502
SAMHOP Microelectronics Corp.
三合微科股份有限公司
FAN CONTROLLER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com