Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C331MFT18A-10BIN Datasheet(PDF) 10 Page - Alliance Semiconductor Corporation

Part # AS7C331MFT18A-10BIN
Description  3.3V 1M x 18 Flow-through synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MFT18A-10BIN Datasheet(HTML) 10 Page - Alliance Semiconductor Corporation

Back Button AS7C331MFT18A-10BIN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C331MFT18A-10BIN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C331MFT18A-10BIN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C331MFT18A-10BIN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C331MFT18A-10BIN Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C331MFT18A-10BIN Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C331MFT18A-10BIN Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C331MFT18A-10BIN Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C331MFT18A-10BIN Datasheet HTML 14Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
®
AS7C331MFT18A
1/21/05, v 1.4
Alliance Semiconductor
10 of 19
Timing characteristics over operating range
Snooze Mode Electrical Characteristics
Parameter
Sym
–68
–75
–85
–10
Unit
Notes1
1
See “Notes” on page 16.
Min Max Min Max Min
Max
Min
Max
Cycle time
tCYC
7.5
–
8.5
–
10–12–
ns
Clock access time
tCD
–6.8–7.5
–
8.5
–
10
ns
Output enable low to data valid
tOE
–3.5–3.5
–
4.0
–
4.0
ns
Clock high to output low Z
tLZC
2.5
–
2.5
–
2.5
–
2.5
–
ns
2,3,4
Data output invalid from clock high
tOH
3.0
–
3.0
–
3.0
–
3.0
–
ns
2
Output enable low to output low Z
tLZOE
0
–
0
–
0–0–
ns
2,3,4
Output enable high to output high Z
tHZOE
-
3.5
-
3.5
–
4.0
-
4.0
ns
2,3,4
Clock high to output high Z
tHZC
-
4.0
-
4.0
–
3.5
-
3.8
ns
2,3,4
Output enable high to invalid output
tOHOE
0
–
0
–
0–0–
ns
Clock high pulse width
tCH
2.5
–
2.5
–
3.0
–
4.0
–
ns
5
Clock low pulse width
tCL
2.5
–
2.5
–
3.0
–
4.0
–
ns
5
Address setup to clock high
tAS
1.5
–
2.0
–
2.0
–
2.0
–
ns
6
Data setup to clock high
tDS
1.5
–
2.0
–
2.0
–
2.0
–
ns
6
Write setup to clock high
tWS
1.5
–
2.0
–
2.0
–
2.0
–
ns
6,7
Chip select setup to clock high
tCSS
1.5
–
2.0
–
2.0
–
2.0
–
ns
6,8
Address hold from clock high
tAH
0.5
–
0.5
–
0.5
–
0.5
–
ns
6
Data hold from clock high
tDH
0.5
–
0.5
–
0.5
–
0.5
–
ns
6
Write hold from clock high
tWH
0.5
–
0.5
–
0.5
–
0.5
–
ns
6,7
Chip select hold from clock high
tCSH
0.5
–
0.5
–
0.5
–
0.5
–
ns
6,8
ADV setup to clock high
tADVS
1.5
–
2.0
–
2.0
–
2.0
–
ns
6
ADSP setup to clock high
tADSPS
1.5
–
2.0
–
2.0
–
2.0
–
ns
6
ADSC setup to clock high
tADSCS
1.5
–
2.0
–
2.0
–
2.0
–
ns
6
ADV hold from clock high
tADVH
0.5
–
0.5
–
0.5
–
0.5
–
ns
6
ADSP hold from clock high
tADSPH
0.5
–
0.5
–
0.5
–
0.5
–
ns
6
ADSC hold from clock high
tADSCH 0.5
–
0.5
–
0.5
–
0.5
–
ns
6
Description
Conditions
Symbol
Min
Max
Units
Current during Snooze Mode
ZZ > VIH
ISB2
50
mA
ZZ active to input ignored
tPDS
2cycle
ZZ inactive to input sampled
tPUS
2cycle
ZZ active to SNOOZE current
tZZI
2cycle
ZZ inactive to exit SNOOZE current
tRZZI
0cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com