Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F8NE65 Datasheet(PDF) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # F8NE65
Description  7.5A 650V N-channel Enhancement Mode Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

F8NE65 Datasheet(HTML) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  F8NE65 Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F8NE65 Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F8NE65 Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F8NE65 Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F8NE65 Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F8NE65 Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F8NE65 Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F8NE65 Datasheet HTML 8Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd F8NE65 Datasheet HTML 9Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 1 of 11
8NE65
1
Description
These N-channel Enhanced VDMOSFETs, is obtained by the
self-aligned planar technology which reduce the conduction loss,
improve switching performance and enhance the avalanche
energy. Which accords with the RoHS standard.
2
Features
● Fast Switching
● ESD Improved Capability
● Low ON Resistance(Rdson≤1.4Ω)
● Low Gate Charge(Typical Data:24nC)
● Low Reverse Transfer Capacitances(Typical:5.5pF)
● 100% Single Pulse Avalanche Energy Test
● 100% ΔV
DS Test
3
Applications
● Used in Various Power Switching Circuit for System
Miniaturization and Higher Efficiency.
● Power Switch Circuit of Electron Ballast and Adaptor.
7.5A 650V N-channel Enhancement Mode Power MOSFET
4
Electrical Characteristics
4.1 Absolute Maximum Rating (Tc=25℃,unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Maximum Drian-Source DC Voltage
VDS
650
V
Maximum Gate-Drain Voltage
VGS
±30
V
Drain Current(continuous)
ID(T=25℃)
(T=100℃)
7.5
A
4.8
A
Drain Current(Pulsed)
(Note 1)
IDM
30
A
Single Pulse Avalanche Energy
(Note 5)
EAS
350
mJ
Peak Diode Recovery dv/dt
(Note 6)
dv/dt
5
V/ns
Total Dissipation
Ta=25℃
Ptot
2
W
TC=25℃
Ptot
100
W
Junction Temperature
Tj
150
℃
Storage Temperature
Tstg
-55~150
℃
Maximum Temperature for Soldering
TL
300
℃
4.2 Thermal Characteristics
PARAMETER
SYMBOL
VALUE
UNIT
Thermal Resistance Junction to Case-sink
RthJC
1.25
℃/W
Thermal Resistance Junction to Ambient
RthJA
62.5
℃/W
VDSS = 650V
RDS(on) (TYP)= 1.2Ω
ID = 7.5A
TO-220C
1
2
3
4
5
6
7
8
A
B
C
D
8
7
6
5
4
3
2
1
D
C
B
A
Ti t le
N u m b er
R ev i s io n
Si ze
D
D ate:
1 0 -A p r-2 0 1 7
Sh eet
o f
Fi l e:
D :\ Pr og ram Fi l es \p ro tel 99 s e\文件夹\ W X D H
D raw n B y :
3
1
2
G
S
D


Similar Part No. - F8NE65

ManufacturerPart #DatasheetDescription
logo
Jiangsu Donghai Semicon...
F8NE65 WXDH-F8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
F8NE65 WXDH-F8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
F8NE65 WXDH-F8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
F8NE65 WXDH-F8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
F8NE65 WXDH-F8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
More results

Similar Description - F8NE65

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP7N65 PANJIT-PJP7N65 Datasheet
204Kb / 5P
650V N-Channel Enhancement Mode MOSFET
PJP10N65 PANJIT-PJP10N65 Datasheet
244Kb / 6P
650V N-Channel Enhancement Mode MOSFET
PJP12N65 PANJIT-PJP12N65 Datasheet
232Kb / 6P
650V N-Channel Enhancement Mode MOSFET
logo
Jiangsu Donghai Semicon...
B8NE65 WXDH-B8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
D8NE65 WXDH-D8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
E8NE65 WXDH-E8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
F8NE65 WXDH-F8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
I8NE65 WXDH-I8NE65 Datasheet
1Mb / 11P
7.5A 650V N-channel Enhancement Mode Power MOSFET
logo
Shanghai Leiditech Elec...
LMFB10N65 LEIDITECH-LMFB10N65 Datasheet
5Mb / 5P
650V N-Channel Enhancement Mode MOSFET
logo
Renesas Technology Corp
N6506NZ RENESAS-N6506NZ Datasheet
297Kb / 8P
N-channel MOSFET 650V, 7.5A, 1.3
Jun 10, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com