Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPI9404PTL Datasheet(PDF) 1 Page - Intel Corporation

Part # EXPI9404PTL
Description  Low-Profile Quad Port Copper Gigabit Ethernet Server Adapter for PCI* Express Slots
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

EXPI9404PTL Datasheet(HTML) 1 Page - Intel Corporation

  EXPI9404PTL Datasheet HTML 1Page - Intel Corporation EXPI9404PTL Datasheet HTML 2Page - Intel Corporation EXPI9404PTL Datasheet HTML 3Page - Intel Corporation EXPI9404PTL Datasheet HTML 4Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
• Four high-performance PCI Express* 10/100/1000 Mbps
connections for slot-constrained servers requiring high bandwidth
• Multi-Gigabit Ethernet Scalability enhances and increases uptime
through advanced server features
• Built on Intel® lead-free1 technology
Connectivity You Can Count On
Conserve valuable PCI Express (PCIe*) server slots while adding
multi-port Gigabit Ethernet capability with the Intel® PRO/1000
PT Quad Port LP Server Adapter. The dedicated input/output (I/O)
bandwidth of PCIe ensures priority performance on each port –
without bus sharing – for Gigabit Ethernet connectivity in
Category-5 networks. The Intel PRO/1000 PT Quad Port LP
Server Adapter improves performance in multi-processor systems
by balancing network loads across multiple central processing units
(CPUs). Additionally, the Intel PRO/1000 PT Quad Port LP Server
Adapter supports Intel® I/O Acceleration Technology (Intel® I/OAT)2
for faster I/O processing on the new Quad-Core and Dual-Core Intel®
Xeon® processor-based servers.
Product Brief
Intel® PRO/1000 PT Quad Port LP Server Adapter
Network Connectivity
Intel® PRO/1000 PT Quad Port LP Server Adapter
Low-Profile Quad Port Copper Gigabit Ethernet Server Adapter for PCI* Express Slots
Features
Benefits
Two Intel® 82571GB Gigabit Controllers
Enables four Gigabit Ethernet connections on a single adapter, delivering increased bandwidth for slot-constrained servers
and providing high performance, reliability, and low-power use in two single, integrated, dual port PCI Express Gigabit
Ethernet controller chips
Low-profile
Enables higher bandwidth and throughput from standard and low-profile PCIe slots and servers
Load balancing on multiple CPUs
Increases performance on multi-processor systems by efficiently balancing network loads across CPU cores when used
with Receive-Side Scaling from Microsoft or Scalable I/O on Linux*
Intel® I/OAT2
Accelerates I/O with higher throughput and lower CPU utilization by offloading processing overhead
Virtualization
Multi-port cards provide the platform with the port density required for virtualized environments
Interrupt moderation
Delivers increased performance while significantly reducing CPU utilization
Compatible with x4, x8, and x16 standard
and low-profile PCI Express* slots
Allows quad-port operation in almost any PCI Express server slot, except x1 slots, and allows each port to operate without
interfering with the other
Support for most network operating
systems (NOS)
Enables widespread deployment
Remote management support
Reduces support costs with remote management based on industry-wide standards
Category-5 unshielded twisted pair (UTP),
4-pair cabling
Uses existing 4-pair cabling and saves re-wiring costs
RoHS compliant3, lead-free1 technology
Compliant with the European Union directive (effective as of July 2006) to reduce the use of hazardous materials
Intel® PROSet Utility for Windows*
Provides point-and-click power over individual adapters, advanced adapter features, connection teaming, and Device Manager
virtual local area network (VLAN) configuration
Advanced cable diagnostics
Dynamically tests and reports network problems (error rate, cable length) and automatically compensates for cable issues
(cross-over cable, wrong pin-out/polarity)
Intel backing
Backed by an Intel® limited lifetime warranty, 90-day money-back guarantee (U.S. and Canada), and worldwide support


Similar Part No. - EXPI9404PTL

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
EXPI9400PF INTEL-EXPI9400PF Datasheet
760Kb / 4P
Trusted 1000BASE-SX PCI Express Gigabit Fiber Connection for Servers
EXPI9400PT INTEL-EXPI9400PT Datasheet
3Mb / 2P
Ethernet Converged Network and Server Adapters Connectivity you can count on
EXPI9400PTBLK INTEL-EXPI9400PTBLK Datasheet
3Mb / 2P
Ethernet Converged Network and Server Adapters Connectivity you can count on
EXPI9402PFBLK INTEL-EXPI9402PFBLK Datasheet
156Kb / 4P
intel PRO/1000 PF Dual Port Server Adapter
EXPI9402PT INTEL-EXPI9402PT Datasheet
216Kb / 4P
Intel짰 PRO/1000 PT Dual Port Server Adapter
More results

Similar Description - EXPI9404PTL

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
PE2G4BPI35LA SILICOM-PE2G4BPI35LA Datasheet
772Kb / 7P
Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4BPI35A SILICOM-PE2G4BPI35A Datasheet
843Kb / 7P
Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4B19L SILICOM-PE2G4B19L Datasheet
448Kb / 5P
Quad Port Copper Gigabit Ethernet PCI Express Server Adapter
PE2G2I80 SILICOM-PE2G2I80 Datasheet
455Kb / 5P
Dual Port Copper Gigabit Ethernet PCI Express Server Adapter
PE2G2B18 SILICOM-PE2G2B18 Datasheet
388Kb / 4P
Dual Port Copper Gigabit Ethernet PCI Express Server Adapter
PE2G4BPI80 SILICOM-PE2G4BPI80 Datasheet
723Kb / 6P
Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4I35 SILICOM-PE2G4I35 Datasheet
428Kb / 5P
Quad Port Copper Gigabit Ethernet PCI Express Server Adapter
PE2G4I80 SILICOM-PE2G4I80 Datasheet
431Kb / 5P
Quad Port Copper Gigabit Ethernet PCI Express Network Server Adapter
PE2G4I80L SILICOM-PE2G4I80L Datasheet
428Kb / 5P
Quad Port Copper Gigabit Ethernet PCI Express Server Adapter
PE310G4I40 SILICOM-PE310G4I40 Datasheet
333Kb / 4P
Quad Port Copper 10 Gigabit Ethernet PCI Express Server Adapter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com