Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX201NGW Datasheet(PDF) 3 Page - Intel Corporation

Part # AX201NGW
Description  wifi 6 gig module
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AX201NGW Datasheet(HTML) 3 Page - Intel Corporation

  AX201NGW Datasheet HTML 1Page - Intel Corporation AX201NGW Datasheet HTML 2Page - Intel Corporation AX201NGW Datasheet HTML 3Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
607008 v1.5
PRODUCT NAME
MODEL NUMBER
VERSION
Intel® Wi-Fi 6 AX201
AX201NGW
AX201D2W
AX201D2WL
Wi-Fi 6 (802.11ax), 2x2, Bluetooth® 5.1, M.2 2230
Wi-Fi 6 (802.11ax), Bluetooth® 5.1, M.2 1216
Wi-Fi 6 (802.11ax), Bluetooth® 5.1, M.2 1216; LTE Coex
For more information on Intel® Wireless products, visit intel.com/wireless
1
CRF: Companion RF module in M.2 form factor.
2
Wi-Fi 6 (802.11ax) WFA certification is available since September 2019.
3
Based on the theoretical maximum bandwidth enabled by 2x2 802.11ax 160MHz implementations. Actual wireless throughput and/or range will
vary depending on your specific operating system, hardware and software configurations. Check with your device manufacturer for details.
4
"Nearly 3X higher peak data rates” Intel® Wi-Fi 6 AX claims are based on the comparison of the expected maximum theoretical data rates for
similarly configured 802.11ax and standard 802.11ac Wi-Fi solutions as documented in IEEE 802.11ax draft 2.0 spec and IEEE 802.11 wireless
standard specifications, and require the use of similarly configured 802.11ax wireless network routers.
5
In accordance with the IEEE 802.1ax PAR. For additional details, visit: https://mentor.ieee.org/802.11/dcn/14/11-14-0165-01-0hew-802-11-hew-
sg-proposed-par.docx.
6
Bluetooth® 5.1 Feature Overview, https://3pl46c46ctx02p7rzdsvsg21-wpengine.netdna-ssl.com/wp-
content/uploads/2019/03/1901_Feature_Overview_Brief_FINAL.pdf
7
CNVi; Refers to the integrated wireless IP portion residing in the Intel® SOC/PCH.
8
Integrated: Solution comprised of CNVi and a CRF.
9
Intel® vPro™ Technology is sophisticated and requires setup and activation. Availability of features and results will depend upon the setup and
configuration of your hardware, software and IT environment. To learn more visit: http://www.intel.com/technology/vpro.
10
Requires activation and a system with a corporate network connection, an Intel® AMT-enabled chipset, network hardware and software. For
notebooks, Intel® AMT may be unavailable or limited over a host OS-based VPN, when connecting wirelessly, on battery power, sleeping,
hibernating or powered off. Results dependent upon hardware, setup and configuration. For more information, visit http://www.intel.com.
11
The CNVio signals connect the CRF module and the CNVi IP in the Intel® SoC/PCH. The CNVio protocol is Intel® proprietary.
12
Support of Wi-Fi Alliance certifications is OS-dependent.
13
Some security solutions may not be supported by your device operating system and/or by your device manufacturer or may require additional
hardware (e.g., UICC – SIM card). Check with your device manufacturer for details on availability.
14
On Microsoft Windows 10*.
The Bluetooth® word mark and logos are registered trademarks owned by the Bluetooth SIG, Inc. and any use of such marks by Intel Corporation is
under license.
Tests document performance of components on a particular test, in specific systems. Differences in hardware, software, or configuration will affect
actual performance. Consult other sources of information to evaluate performance as you consider your purchase. For more complete information
about performance and benchmark results, visit www.intel.com/benchmarks.
Estimated results were obtained prior to implementation of recent software patches and firmware updates intended to address exploits referred to
as "Spectre" and "Meltdown". Implementation of these updates may make these results inapplicable to your device or system.
No license (express or implied, by estoppel or otherwise) to any intellectual property rights is granted by this document.
Intel disclaims all express and implied warranties, including without limitation, the implied warranties of merchantability, fitness for a particular
purpose, and non-infringement, as well as any warranty arising from course of performance, course of dealing, or usage in trade. Intel may make
changes to specifications and product descriptions at any time, without notice. For the most current product information, please visit
http://www.intel.com/wireless.
Cost reduction scenarios described are intended as examples of how a given Intel-based product, in the specified circumstances and configurations,
may affect future costs and provide cost savings. Circumstances will vary. Intel does not guarantee any costs or cost reduction.
This device has not been authorized as required by the rules of the Federal Communications Commission. This device is not, and may not be,
offered for sale or lease, or sold or leased, until authorization is obtained.
Intel, the Intel logo, are trademarks or registered trademarks of Intel Corporation or its subsidiaries in the U.S. and/or other countries.
* Other names and brands may be claimed as the property of others.
Copyright © Intel Corporation. All rights reserved.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com