Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP7801L Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP7801L
Description  擁끺퐥?잒??녔쑛?끿뵷餓볞툜?②뒸?
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP7801L Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP7801L Datasheet HTML 1Page - Lowpower Semiconductor inc LP7801L Datasheet HTML 2Page - Lowpower Semiconductor inc LP7801L Datasheet HTML 3Page - Lowpower Semiconductor inc LP7801L Datasheet HTML 4Page - Lowpower Semiconductor inc LP7801L Datasheet HTML 5Page - Lowpower Semiconductor inc LP7801L Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
LP7801L-00
Mar.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 6
LP7801L
电气参数
(TA = 25°C. VIN = 5V,除非特别说明.)
符号
参数
条件
最小值
典型值
最大值
单位
充电部分
VIN
输入工作电压
4.5
6.5
V
IIN
输入待机电流
VBAT=4.2V
50
uA
VUV
输入欠压保护
3.8
V
VFLOAT
电池充满电压
4.158
4.2
4.242
V
IBAT
电池端电流
ISET=10K,充电模式
100
mA
ISET=2K,充电模式
500
mA
VBAT=4.2V
1
uA
VBAT=4.2V,VIN=0
1
uA
VTRIKL
涓流充电电压阈值
2.9
V
ITRIKL
涓流充电电流
VBAT< VTRIKL
40
%IBAT
ITERM
终止充电电流阀值
10
%IBAT
ΔV
RECHRG
再充电电压阈值
150
mV
ICHRG
CHRG 管脚电流
5
uA
放电部分
Vout
升压输出电压
5.1
V
Iout
放电电流
500
mA
IQ
待机电流
VBAT=3V-4.2V,无负载
1
uA
ISD
关断电流
0.01
uA
FSW
开关频率
1.2
MHz
VEN_ON
EN 开启电压阀值
1.4
V
VEN_OFF
EN 关断电压阀值
0.4
V
IEN
EN 管脚电流
EN=5V
0.01
uA
ILIMIT
开关电流限制
1
A
RON_HIGH
高端 MOS 开启内阻
160
mΩ
RON_LOW
低端 MOS 开启内阻
220
mΩ
OTP
过温保护
150
℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com