Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7648 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7648
Description  Low Reference High Efficiency Boost Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7648 Datasheet HTML 1Page - Sipex Corporation SP7648 Datasheet HTML 2Page - Sipex Corporation SP7648 Datasheet HTML 3Page - Sipex Corporation SP7648 Datasheet HTML 4Page - Sipex Corporation SP7648 Datasheet HTML 5Page - Sipex Corporation SP7648 Datasheet HTML 6Page - Sipex Corporation SP7648 Datasheet HTML 7Page - Sipex Corporation SP7648 Datasheet HTML 8Page - Sipex Corporation SP7648 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Date: 7/20/05
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© Copyright 2005 Sipex Corporation
SP7648
FEATURES
■ True Shutdown
■ 700mA Output Current at 3.3V Input; 4.2V
output
■ 92% Efficiency from 2.7VIN to 3.3VOUT
■ Wide Input Voltage Range: 2.7V to 4.5V
■ 5V Fixed or Adjustable Output
■ 0.3Ω Switch
■ Integrated Synchronous Rectifier:0.3Ω
■ Anti-Ringing Switch Technology
■ Programmable Inductor Peak Current
■ Logic Shutdown Control
■ Low 0.8V or 0.288V Reference Voltage
■ Small 10 pin DFN or MSOP Package
Low Reference High Efficiency Boost Regulator
APPLICATIONS
■ LED Driver
■ Camera Flash
■ Handheld Portable Devices
DESCRIPTION
The SP7648 is an ultra-low quiescent current, high efficiency step-up DC-DC converter ideal for
single cell Li-Ion or dual cell alkaline battery applications to drive various LEDs. The SP7648
combines low quiescent current and excellent light-load efficiency of PFM control. The SP7648
features synchronous rectification, a 0.3Ω charging switch, an anti-ringing inductor switch, under-
voltage lockout and programmable inductor peak current. The device can be shut down by a
1nA active LOW shutdown pin. A very low 0.288V reference voltage is optimized for driving a
constant current load.
®
TYPICAL APPLICATION CIRCUIT
Now Available in Lead Free Packaging
SP7648
10 Pin DFN
10
9
8
7
6
1
2
3
4
5
V
OUT
LX
P
GND
GND
FB
FLASH
SHDN
NC (Test)
R
LIM
V
BATT
Preliminary
®
4.7µH
VIN
SP7648
VBATT
FLASH
FB
LX
VOUT
NC
1.0KΩ
ON/OFF
10µF
SHDN
GND
10µF
PGND
0.33Ω
RLIM
(2.7 - 4.5V)
FLASH
470pF
RLIM
1KΩ
R1
R2
Q1
D1


Similar Part No. - SP7648

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7648 SIPEX-SP7648 Datasheet
588Kb / 13P
PackageLow Reference High efficiency Boost Regulator
SP7648 SIPEX-SP7648 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7648ER SIPEX-SP7648ER Datasheet
588Kb / 13P
PackageLow Reference High efficiency Boost Regulator
SP7648ER/TR SIPEX-SP7648ER/TR Datasheet
588Kb / 13P
PackageLow Reference High efficiency Boost Regulator
SP7648EU SIPEX-SP7648EU Datasheet
588Kb / 13P
PackageLow Reference High efficiency Boost Regulator
More results

Similar Description - SP7648

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4890 MICRO-LINEAR-ML4890 Datasheet
256Kb / 12P
High Efficiency, Low Ripple Boost Regulator
logo
Sipex Corporation
SP6648 SIPEX-SP6648_06 Datasheet
260Kb / 16P
Ultra-low Quiescent Current, High Efficiency Boost Regulator
SP7648 SIPEX-SP7648_06 Datasheet
588Kb / 13P
PackageLow Reference High efficiency Boost Regulator
logo
Micrel Semiconductor
MIC2250 MICREL-MIC2250 Datasheet
528Kb / 13P
High Efficiency Low EMI Boost Regulator
MIC2250 MICREL-MIC2250_10 Datasheet
886Kb / 13P
High-Efficiency Low EMI Boost Regulator
MIC2251 MICREL-MIC2251 Datasheet
886Kb / 13P
High-Efficiency Low EMI Boost Regulator
MIC2251_1105 MICREL-MIC2251_1105 Datasheet
875Kb / 14P
High-Efficiency Low EMI Boost Regulator
MIC2250 MICREL-MIC2250_11 Datasheet
882Kb / 14P
High-Efficiency Low EMI Boost Regulator
logo
Intersil Corporation
ISL9120IR INTERSIL-ISL9120IR Datasheet
433Kb / 13P
Compact High Efficiency Low Power Buck-Boost Regulator
February 2, 2016
logo
Renesas Technology Corp
ISL9120 RENESAS-ISL9120 Datasheet
685Kb / 13P
Compact High Efficiency Low Power Buck-Boost Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com