Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPA2104A Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LPA2104A
Description  Filterless 3W Class- D Mono Audio Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPA2104A Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LPA2104A Datasheet HTML 1Page - Lowpower Semiconductor inc LPA2104A Datasheet HTML 2Page - Lowpower Semiconductor inc LPA2104A Datasheet HTML 3Page - Lowpower Semiconductor inc LPA2104A Datasheet HTML 4Page - Lowpower Semiconductor inc LPA2104A Datasheet HTML 5Page - Lowpower Semiconductor inc LPA2104A Datasheet HTML 6Page - Lowpower Semiconductor inc LPA2104A Datasheet HTML 7Page - Lowpower Semiconductor inc LPA2104A Datasheet HTML 8Page - Lowpower Semiconductor inc LPA2104A Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Preliminary Datasheet LPA2104A
LPA2104A–03
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 9
Test setup for graphs
Measurment
Output
+
-
Ci
Ci
LPA2104A
INP
INN
VOP
VON
VDD
GND
Load
Cs1
Cs2
VDD
+
-
30kHz
Low Pass
Filter
Measurment
Intput
+
-
1. Ci was shorted for any common-mode input voltage measurement. All other measurements were taken with CI = 0.1μF (unless otherwise noted).
2. Cs1 = 0.1 μF is placed very close to the device. The optional Cs2 = 10 μF is used for datasheet graphs.
3. The 30 kHz low-pass filter is required even if the analyzer has an internal low-pass filter. An RC low-pass filter (1 kΩ, 4700pF) is used on each
output for the data sheet graphs.
Typical Operating Characteristic
PO VS THD
Audio Precision
03/15/17 13:57:31
PO VS THD@4ohm.ats2
Color
Sweep
Trace
Line Style
Thick
Data
Axis
Comment
1
1
Cyan
Solid
3
Analyzer.THD+N Ratio A
Left
3.6V,4ohm
2
1
Green
Solid
3
Analyzer.THD+N Ratio A
Left
4.2V,4ohm
3
1
Red
Solid
3
Analyzer.THD+N Ratio A
Left
5V,4ohm
0.01
20
0.02
0.05
0.1
0.2
0.5
1
2
5
10
%
100m
4
200m
300m
400m
600m
800m
1
2
3
W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com