Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7648ER Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP7648ER
Description  Low Reference High Efficiency Boost Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648ER Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP7648ER Datasheet HTML 4Page - Sipex Corporation SP7648ER Datasheet HTML 5Page - Sipex Corporation SP7648ER Datasheet HTML 6Page - Sipex Corporation SP7648ER Datasheet HTML 7Page - Sipex Corporation SP7648ER Datasheet HTML 8Page - Sipex Corporation SP7648ER Datasheet HTML 9Page - Sipex Corporation SP7648ER Datasheet HTML 10Page - Sipex Corporation SP7648ER Datasheet HTML 11Page - Sipex Corporation SP7648ER Datasheet HTML 12Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
Date: 7/20/05
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© Copyright 2005 Sipex Corporation
PACKAGE: 10 PIN DFN
MINIMUM
NOMINAL MAXIMUM MINIMUM
NOMINAL MAXIMUM
A0.80
0.90
1.00
0.032
0.035
0.039
A1
0.00
0.02
0.05
0.000
0.001
0.002
A3
b0.18
0.25
0.30
0.007
0.010
0.012
e
D
E
D2
2.20
--
2.70
0.087
--
0.106
E2
1.40
--
1.75
0.055
--
0.069
L0.30
0.40
0.50
0.012
0.016
0.020
K0.20
--
--
0.008
--
--
0o
--
14o
0o
--
14o
N
ND
NOTE 1: PIN #1 INDICATOR MUST BE WITHIN THIS AREA AND CAN BE ANY SHAPE
(CONVERT UNIT 1MM = 0.0394INCH)
0.20 REF
10
0.008 REF
10
10-PIN 3X3MM DFN PACKAGE OUTLINE
JEDEC DOCUMENT MO-229 VARIATION VEED-5
0.50 BSC
3.00 BSC
DIMENSIONS IN MILLIMETERS
SYMBOL
(CONTROLLING UNIT)
DIMENSIONS IN INCHES
5
0.020 BSC
0.118 BSC
0.118 BSC
5
3.00 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com