Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPW5203 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LPW5203
Description  3A Smart Power Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LPW5203 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LPW5203 Datasheet HTML 1Page - Lowpower Semiconductor inc LPW5203 Datasheet HTML 2Page - Lowpower Semiconductor inc LPW5203 Datasheet HTML 3Page - Lowpower Semiconductor inc LPW5203 Datasheet HTML 4Page - Lowpower Semiconductor inc LPW5203 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LPW5203-03
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 5
Preliminary Datasheet
LPW5203
Functional Pin Description
Package Type
Pin Configurations
SOT23-5
EN
GND
VOUT
VIN
1
2
3
4
5
Top View
GND
Pin Description
Pin
Name
Description
1
VOUT
Output to system pin.
2/3
GND
Ground.
4
EN
Device Enable (active High).
5
VIN
Input pin.
Absolute Maximum Ratings
Note 1
Input Voltage to GND ----------------------------------------------------------------------------------------------------- 6.5V
Output Voltage to GND --------------------------------------------------------------------------------------------------- 6.5V
Other pin to GND ------------------------------------------------------------------------------------------------------------- 6V
Maximum Junction Temperature ----------------------------------------------------------------------------------- 150°C
Operating Ambient Temperature Range (TA) --------------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (PD) ---------------------------------------------------------------------------------- 0.45W
Thermal Resistance (θJA) ------------------------------------------------------------------------------------------ 250℃/W
ESD Susceptibility
HBM(Human Body Mode) ----------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) ------------------------------------------------------------------------------------------------------ 200V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com