Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM114 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DM114
Description  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

DM114 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DM114 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 14Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 15Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 16Page - List of Unclassifed Manufacturers DM114 Datasheet HTML 17Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
DM114
、DM115
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.002
Page 12
Preliminary
System Configuration Example
[1] Output current (IOUT)
Sink current is set by the external resistor as shown in figure (Iout vs. Rext).
[2] LED supply voltage (VLED) setup
VLED
= V
CE ( Tr Vsat ) + Vf ( LED forward voltage ) + VO ( IC supply voltage)
To prevent too much power dissipated by the device due to higher V
LED , an additional R can
be used to reduce the Vout when the outputs consume current:
R =
(max)
(max)
(min)
Bit
I
V
V
V
O
O
f
LED
•
−
−
Note
This device has only one ground pin shared by signal, output sink current, and power ground.
It is advisable to pattern the ground layout with minimized inductance such that the switching
noise induced by the input signals and the output sink current would not cause chip malfunction. To
prevent the drivers’ outputs from damage by overshoot stress, it is also advisable not to turn off the
drivers and scan transistors simultaneously.
V DD
SER I A L -O U T
R
V LE D = 3~4 (V )
OU T 7
OU T 0
GN D
R-E X T
LA T C H
CP U
SER I A L -IN
EN ABL E
SC AN
CL O C K
SER I A L -O U T
OU T 7
OU T 0
GN D
R-E X T
LA T C H
SER I A L -IN
EN ABL E
CL O C K
Vo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com