Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8014 Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TPC8014
Description  TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (U-MOS III)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPC8014 Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TPC8014 Datasheet HTML 1Page - Toshiba Semiconductor TPC8014 Datasheet HTML 2Page - Toshiba Semiconductor TPC8014 Datasheet HTML 3Page - Toshiba Semiconductor TPC8014 Datasheet HTML 4Page - Toshiba Semiconductor TPC8014 Datasheet HTML 5Page - Toshiba Semiconductor TPC8014 Datasheet HTML 6Page - Toshiba Semiconductor TPC8014 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TPC8014
2004-07-06
4
048
20
0
0.6
1
0.8
0.2
0.4
ID = 11A
5.5
2.5
Common source
Ta
= 25°C
Pulse test
12
16
ID – VDS
Drain-source voltage VDS (V)
3.5
4
6
8
10
0
1
2
3
4
5
0
4
8
12
16
20
VGS = 2.6 V
3.0
3.2
3.1
2.7
2.9
2.8
3.3
3.4
ID – VDS
Drain-source voltage VDS (V)
3.4
0.4
0.6
0.8
1.0
0
4
6
8
10
2
00.2
VGS = 2.5 V
2.6
2.7
2.8
2.9
3.0
3.1
3.2
10
8
6
4
3.
3.3
ID – VGS
Gate-source voltage VGS (V)
0
20
0
0.5
1
1.5
4
4
8
12
16
Common source
VDS = 10 V
Pulse test
23
25
100
Ta
= −55°C
2.5
2.5
VDS – VGS
Gate-source voltage VGS (V)
|Yfs| – ID
Drain current ID (A)
RDS (ON) – ID
Drain current ID (A)
1
3
30
100
Common source
Ta
= 25°C
Pulse test
1
10
100
VGS = 10 V
VGE = 4.5 V
3
30
10
0.1
1
10
100
Common source
VDS = 10 V
Pulse test
Tc
= 100°C
−55°C
25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com