Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC78L08ABPRP Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC78L08ABPRP
Description  Three-Terminal Low Current Positive Voltage Regulators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC78L08ABPRP Datasheet(HTML) 5 Page - ON Semiconductor

  MC78L08ABPRP Datasheet HTML 1Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 2Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 3Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 4Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 5Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 6Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 7Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 8Page - ON Semiconductor MC78L08ABPRP Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC78L00A Series, NCV78L00A
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (VI = 27 V, IO = 40 mA, CI = 0.33 mF, CO = 0.1 mF, 0°C < TJ < +125°C, unless otherwise noted.)
MC78L18AC
Characteristics
Symbol
Min
Typ
Max
Unit
Output Voltage (TJ = +25°C)
VO
17.3
18
18.7
Vdc
Line Regulation
(TJ = +25°C, IO = 40 mA)
21.4 Vdc
≤ VI ≤ 33 Vdc
20.7 Vdc
≤ VI ≤ 33 Vdc
22 Vdc
≤ VI ≤ 33 Vdc
21 Vdc
≤ VI ≤ 33 Vdc
Regline
−
−
45
35
325
275
mV
Load Regulation
(TJ = +25°C, 1.0 mA ≤ IO ≤ 100 mA)
(TJ = +25°C, 1.0 mA ≤ IO ≤ 40 mA)
Regload
−
−
30
15
170
85
mV
Output Voltage
(21.4 Vdc
≤ VI ≤ 33 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(20.7 Vdc
≤ VI ≤ 33 Vdc, 1.0 mA ≤ IO ≤ 40 mA)
(VI = 27 V, 1.0 mA ≤ IO ≤ 70 mA)
(VI = 27 V, 1.0 mA ≤ IO ≤ 70 mA)
VO
17.1
17.1
−
−
18.9
18.9
Vdc
Input Bias Current
(TJ = +25°C)
(TJ = +125°C)
IIB
−
−
3.1
−
6.5
6.0
mA
Input Bias Current Change
(22 Vdc
≤ VI ≤ 33 Vdc)
(21 Vdc
≤ VI ≤ 33 Vdc)
(1.0 mA
≤ IO ≤ 40 mA)
DIIB
−
−
−
−
1.5
0.1
mA
Output Noise Voltage
(TA = +25°C, 10 Hz ≤ f ≤ 100 kHz)
Vn
−
150
−
mV
Ripple Rejection (IO = 40 mA,
f = 120 Hz, 23 V
≤ VI ≤ 33 V, TJ = +25°C)
RR
33
48
−
dB
Dropout Voltage
(TJ = +25°C)
VI − VO
−
1.7
−
Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com