Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR2045CT Datasheet(PDF) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # MBR2045CT
Description  Low VF Schottky Barrier series Rectifiers Voltage 45 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

MBR2045CT Datasheet(HTML) 1 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  MBR2045CT Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd MBR2045CT Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd MBR2045CT Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd MBR2045CT Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd MBR2045CT Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd MBR2045CT Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd MBR2045CT Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 1 of 7
MBR2045CT
1
Description
These Schottky diodes are common Cathode double Schottky
diode with A.Have a balanced positive pressure drop characteristic
and High temperature leakage characteristics. Which accords with
the RoHS standard.
2
Features
● Low Power Loss, High Efficiency
● High Current Capability, Low Forward Voltage Drop
● High Surge Capability
● Wheeling and Polarity Protection Applications
● Guardring for Overvoltage Protection
● 100% Single Pulse Avalanche Energy Test
● 100% ΔV
DS Test
● High Temperature Soldering Guaranteed: 260℃/10
Seconds,0.25”(6.35mm)from Case
3
Applications
● Switching Power Supply Rectified Output
● Continued Stream Diode
● Battery Reverse Protection
Low VF Schottky Barrier series Rectifiers Voltage 45 Volts
4
Electrical Characteristics
4.1 Absolute Maximum Rating
(Tamb=25℃,unless otherwise noted)
Parameter
Symbol
Value
Units
Recurrent Peak Reverse Voltage
VRRM
45
V
RMS Voltage
VRMS
31
V
Average
Forward
Rectified
Current
Dan Guan
I(AV)
10
A
Double
20
A
DC Blocking Voltage
VDC
45
V
Peak Forward Surge Current
(8.3 ms Single Half)
IFSM
150
A
Peak Repetitive Reverse
Surge Current
(Note 3)
IRRM
2
A
Instantaneous Reverse
Current
TC=25℃
(Note 5)
at Rated DC Blocking Voltage
IR
100
μA
TC=125℃
15
mA
Voltage Rate of Change (Rated VR)
dv/dt
10
V/μs
Maximum Instantaneous
Forward Voltage at
IF=10A
TC=25℃
VF
0.65
V
IF=10A
TC=125℃
0.55
IF=20A
TC=25℃
0.90
VRRM = 45V
I(AV)= 20A
TO-220C


Similar Part No. - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR2045CT MOTOROLA-MBR2045CT Datasheet
135Kb / 6P
SWITCHMODE?? Power Rectifiers
logo
Diodes Incorporated
MBR2045CT DIODES-MBR2045CT Datasheet
65Kb / 2P
20A SCHOTTKY BARRIER RECTIFIER
DS23016 Rev. G-2
logo
General Semiconductor
MBR2045CT GE-MBR2045CT Datasheet
81Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR2045CT MCC-MBR2045CT Datasheet
67Kb / 2P
20 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Fairchild Semiconductor
MBR2045CT FAIRCHILD-MBR2045CT Datasheet
53Kb / 3P
Schottky Rectifiers
More results

Similar Description - MBR2045CT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SBL1030 SIRECTIFIER-SBL1030 Datasheet
82Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1050CT SIRECTIFIER-SBL1050CT Datasheet
102Kb / 2P
Low VF Schottky Barrier Rectifiers
SBL1630PT SIRECTIFIER-SBL1630PT Datasheet
125Kb / 2P
Low VF Schottky Barrier Rectifiers
logo
Micro Commercial Compon...
MBR10U45L MCC-MBR10U45L_16 Datasheet
345Kb / 3P
10 Amp Low VF Schottky Barrier Rectifier 45 Volts
MBRL2045FCT MCC-MBRL2045FCT Datasheet
438Kb / 3P
45 Volts 20 Amp Low VF Schottky Barrier Rectifier
logo
Bytesonic Electronics C...
MBR30L45CT BYTESONIC-MBR30L45CT Datasheet
932Kb / 2P
LOW VF SCHOTTKY BARRIER RECTIFIERS VOLTAGE 45 Volts CURRENT 30.0 Amperes
Version 1.1 2018/9/10
logo
Jiangsu Donghai Semicon...
MBRB2045CT WXDH-MBRB2045CT Datasheet
662Kb / 7P
Low VF Schottky Barrier series Rectifiers Voltage 45 Volts
MBRD2045CT WXDH-MBRD2045CT Datasheet
658Kb / 7P
Low VF Schottky Barrier series Rectifiers Voltage 45 Volts
MBRF2045CT WXDH-MBRF2045CT Datasheet
658Kb / 7P
Low VF Schottky Barrier series Rectifiers Voltage 45 Volts
logo
First Silicon Co., Ltd
MBRFH3045CT FS-MBRFH3045CT Datasheet
436Kb / 3P
Schottky Barrier Rectifier (Low VF) Reverse Voltage 45 Volts Forward Current 30 Amperes
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com