Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBRF2045CT Datasheet(PDF) 4 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

Part # MBRF2045CT
Description  Low VF Schottky Barrier series Rectifiers Voltage 45 Volts
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WXDH [Jiangsu Donghai Semiconductor Technology Co.,Ltd]
Direct Link  http://www.jswxdh.cn
Logo WXDH - Jiangsu Donghai Semiconductor Technology Co.,Ltd

MBRF2045CT Datasheet(HTML) 4 Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd

  MBRF2045CT Datasheet HTML 1Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd MBRF2045CT Datasheet HTML 2Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd MBRF2045CT Datasheet HTML 3Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd MBRF2045CT Datasheet HTML 4Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd MBRF2045CT Datasheet HTML 5Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd MBRF2045CT Datasheet HTML 6Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd MBRF2045CT Datasheet HTML 7Page - Jiangsu Donghai Semiconductor Technology Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ROUM Semiconductor Technology CO.,LTD.
Rev. 1.0
www.roum.cn
Page 4 of 7
MBRF2045CT
6
Product Names Rules
7
Product Specifications and Packaging Models
Product Model
Package Type
Mark Name
RoHS
Package
Quantity
MBR2045CT
TO-220C
MBR2045CT
Pb-free
Tube
1000/box
MBR2045CT
TO-220F
MBR2045CT
Pb-free
Tube
1000/box
MBR2045CT
TO-251
MBR2045CT
Pb-free
Tube
1000/box
MBR2045CT
TO-252
MBR2045CT
Pb-free
Tape & Reel
3000/box
Rated Voltage Code
With 2 Digital,For Example:
60 on behalf of 600V,
06 on behalf of 60v
VF grading code
With 1 Digital,For example:
Low VF: R
conventional VF: No
Packaging Code
220F: F
220: Nothing
251:
B
252:
D
262:
I
263:
E
Rated Current Code
With 1-2 Digital,
For Example:
4 on behalf of 4A,
10 on behalf of 10A,
08 on behalf of 0.8A
Schottky Diode Code
M B R F X X R X X C T
Double chip model code
CT: Double chip common
cathode
CTA: Double chip common
anode



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com