Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP1115 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP1115
Description  Full Bridge Gate Driver with Boost Convertor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP1115 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP1115 Datasheet HTML 2Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 3Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 4Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 5Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 6Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 7Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 8Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 9Page - Lowpower Semiconductor inc LP1115 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
LP1115-01
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 9 of 10
Preliminary Datasheet
LP1115
Operation Information (Boost Convertor)
The Boost Convertor part of LP1115 uses a fixed
frequency, peak current mode boost regulator
architecture to regulate voltage at the feedback pin.
At the start of each oscillator cycle the MOSFET is
turned on through the control circuitry. To prevent
sub-harmonic oscillations at duty cycles greater than
50 percent, a stabilizing ramp is added to the output
of the current sense amplifier and the result is fed
into the negative input of the PWM comparator.
When this voltage equals the output voltage of the
error amplifier the power MOSFET is turned off. The
voltage at the output of the error amplifier is an
amplified version of the difference between the 0.6V
band gap reference voltage and the feedback
voltage. In this way the peak current level keeps the
output in regulation. If the feedback voltage starts to
drop, the output of the error amplifier increases.
These results in more current to flow through the
power MOSFET, thus increasing the power delivered
to the output.
The Boost Convertor part of LP1115 has internal soft
start to limit the amount of input current at startup
and to also limit the amount of overshoot on the
output.
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops the
output voltage to the 0.6V feedback voltage. Use a
100K resistor for R2 of the voltage divider. Determine
the high-side resistor R1 by the equation:
VOUT = (R1 / R2 + 1 ) x VFB
Current Limitation
The internal power-MOS switch current is monitored
cycle-by-cycle and is limited to the value not exceed
3A(Typ.). When the switch current reaches the
limited value, the internal power-MOS is turned off
immediately until the next cycle. Keep traces at this
pin as short as possible. Do not put capacitance at
this pin.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com