Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3120 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3120
Description  High Performance Regulated Charge Pump
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3120 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3120 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3120 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3120 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3120 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3120 Datasheet HTML 5Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
LP3120-00
May.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 5
Preliminary Datasheet
LP3120
Absolute Maximum Ratings
Note 1
Input Voltage to GND (VIN) -------------------------------------------------------------------------------------------- 5.5V
EN to GND Voltage (VEN) ----------------------------------------------------------------------------- 0.3V to VIN+0.3V
Operating Junction Temperature Range ------------------------------------------------------------------------ 125℃
Maximum Soldering Temperature (at leads, 10sec) --------------------------------------------------------- 260℃
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress
ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational
sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Thermal Information
Maximum Power Dissipation (PD) -------------------------------------------------------------------------------- 0.45W
Thermal Resistance (JA) ----------------------------------------------------------------------------------------- 250℃/W
ESD Susceptibility
HBM(Human Body Mode) --------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
Operation Ambient Temperature Range -------------------------------------------------------------- -20℃ to 85℃
Electrical Characteristics
(Over recommended operating conditions unless specified otherwise, VIN =3.6V,EN=High, TA=25℃ )
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input Voltage
VIN
2.8
VOUT
V
Output Voltage Range
VOUT
5
V
Quiescent Current
IQ
No Load
2
mA
Shutdown Current
ISHDN
VEN = GND
1
5
µA
Oscillator Frequency
fOSC
340
KHz
Output Short Circuit Current Limit
ISC
VOUT < 0.5V
300
350
mA
Enable Threshold Low
VEN(L)
0.4
V
Enable Threshold High
VEN(H)
1.4
V
Input Low Current
IEN
VIN = VEN = 5V
1
µA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com