Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3310 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3310
Description  High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3310 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3310 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3310 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3310 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3310 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3310 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3310 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3310 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3310 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3310 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LP3310-00
Jan.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 4 of 9
Preliminary Datasheet
LP3310
Electrical Characteristics
(VIN=3.3V, CIN=10uF, COUT=2.2uF, L=4.7uH)
Parameter
Conditions
Min
Typ
Max
Units
Supply Voltage
2.7
24
V
Input Under Voltage Lock Out
UVLO
2.5
V
UVLO Hysteresis Voltage
0.3
V
Over voltage threshold
28
V
Supply Current(Shutdown)
VEN= 0V
0.05
1
uA
Supply Current
VEN=HIGH,VFB> 0.2V
300
uA
VEN=HIGH,VFB<0.2V
1
mA
Feedback Voltage
240
250
260
mV
Feedback Input Current
50
nA
Switching Frequency
1
MHz
Maximum Duty Cycle
85
92
98
%
EN Input Low Voltage
0.4
V
EN Input High Voltage
1.4
V
PWM EN demming range
200
200K
Hz
Duty cycle range
PWM<50KHz
1
100
%
MOSFET On Resistance
VOUT=3.3V
100
mΩ
MOSFET Current
4
A
OTP
160
℃
OTP Hysteresis
20
℃



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com