Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3310B6F Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3310B6F
Description  High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3310B6F Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3310B6F Datasheet HTML 1Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 2Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 3Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 4Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 5Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 6Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 7Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 8Page - Lowpower Semiconductor inc LP3310B6F Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LP3310-00
Jan.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 9
Preliminary Datasheet
LP3310
Functional Pin Description
Package Type
Pin Configurations
SOT23-6
1
3
6
4
LX
VIN
SOT23-6
TOP VIEW
2
GND
FB
EN
5
NC
TDFN-6
FB
NC
GND
VIN
EN
LX
1
2
3
4
5
6
GND
TOP VIEW
Pin Description
Pin
Name Description
SOT23-6 TDFN-6
1
4
LX
Output Switching Node.
2
3
GND Ground Pin
3
1
FB
Feedback Reference Voltage Pin. Series connect a resistor between WLED and
ground as a current sense. Sense the current feedback voltage to set the current
rating.
4
5
EN
Chip Enable (Active High). Voltage sensing input to trigger the function of over
voltage protection. Note that this pin is high impedance. There should be a pull low
100kΩ resistor connected to GND when the control signal is floating.
5
2
NC
No Connect
6
6
VIN
Supply Input Voltage Pin. Bypass 1uF capacitor to GND to reduce the input noise.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com