Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3350 Datasheet(PDF) 5 Page - Lowpower Semiconductor inc

Part # LP3350
Description  LED Driver with PWM Dimming Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3350 Datasheet(HTML) 5 Page - Lowpower Semiconductor inc

  LP3350 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3350 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3350 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3350 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3350 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3350 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3350 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Preliminary Datasheet
LP3350
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 5 of 7
LP3350–00 Version 0.3 NOV-2017
Electrical Characteristics
(VIN=12V, VCTRL=5V, TA=25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
General
Input Supply Voltage
VVLI
8
28
V
VIN Supply Current
IQ
Sleep Current
310
400
uA
Operation Current
2.5
3
mA
Input UVLO Threshold
VUVLO(VTH)
VIN Rising
6
7
8
V
UVLO Threshold Hysteresis
VUVLO(HYS)
Falling Hysteresis
500
mV
Soft Start Slope
TSS_Slop
400
mV/ms
Thermal Shutdown Threshold
TSD
Temperature Rising
140
160
180
°C
Thermal Shutdown Hysteresis
∆TSD
30
°C
PWM Control
Internal Oscillator Frequency
FOSC
175
200
225
kHz
Maximum Duty Cycle
DMAX
93
95
97
%
CTRL Threshold Voltage
VIH
Logic High.
2.6
V
VIL
Logic Low
1
Pull Down Resistor
RPull_Low
150
k
Error Amplifier
Reference Voltage
VREF
Reference
voltage
at
non-inverting input.
295.5
300
304.5
mV
Open Loop Voltage Gain
Am
70
dB
Transconductance of EA
Gm
80
100
120
uA/V
GATE Source Current
ISource
24
30
36
uA
GATE Sink Current
ISink
48
60
72
uA
Protection Threshold
Over Voltage Protection
VOVP
Threshold of OVP
1.8
2
2.2
V
Over Current Protection
VOCP
Threshold of OCP
330
mV
Fault Trigger Duration
TFault
50
ms
Connect detect time
TDly
1
ms
SCP Threshold
VOVP_UV
Normal Operation
200
mV
System Startup
100
mV



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com