Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3992 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP3992
Description  300mA,Ultra-low noise, Small Package
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3992 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP3992 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3992 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LP3992-05
May.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 9
Preliminary Datasheet
LP3992
Function Diagram
Absolute Maximum Ratings
Supply Input Voltage --------------------------------------------------------------------------------------------------- 6.5V
Other Pin Voltage ------------------------------------------------------------------------------------- -0.3V to VIN+0.3V
Power Dissipation, PD @ TA = 25°C
T/SOT23-5 ---------------------------------------------------------------------------------------------------------- 500mW
SOT23-3 --------------------------------------------------------------------------------------------------------------- 500mW
Package Thermal Resistance
Thermal Resistance(SOT23-5/SOT23) (JA) --------------------------------------------------------------- 195℃/W
Thermal Resistance(SOT23-5/SOT23) (JC) ----------------------------------------------------------------- 60℃/W
Maximum Junction Temperature ---------------------------------------------------------------------------------- 150°C
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------- 260°C
Storage Temperature Range -------------------------------------------------------------------------- −65°C to 165°C
ESD Susceptibility
HBM (Human Body Mode) --------------------------------------------------------------------------------------------- 2kV
MM(Machine-Mode) --------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions
Supply Input Voltage ---------------------------------------------------------------------------------------- 2.5V to 5.5V
EN Input Voltage ------------------------------------------------------------------------------------------- 0V toVin+0.3V
Operation Junction Temperature Range ----------------------------------------------------------- −40°C to 125°C
Operation Ambient Temperature Range ------------------------------------------------------------ −40°C to 85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com