Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4065 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP4065
Description  800mA Single Chip Li-Ion and Li-Polymer Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4065 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP4065 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4065 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4065 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4065 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4065 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4065 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4065 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4065 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LP4065-00
Aug.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 8
Preliminary Datasheet
LP4065
Functional Pin Description
Package Type
Pin Configurations
LP4065AB6F
LP4065PB6F
SOT23-6
5
1
3
6
4
EN
2
GND
CHRG
ISET
BAT
VIN
5
1
3
6
4
PG
2
GND
CHRG
ISET
BAT
VIN
Pin Description
No.
NAME
DESCRIPTION
LP4065A
LP4065P
1
EN
Charge Enable Input (active low).
PG
Open-Drain Status Output. Low indicates the input voltage is above UVLO and
the OUT (battery) voltage.
2
GND
GND is the connection to system ground.
3
CHRG
Open-Drain Charge Status Output. When the battery is charging, the CHRG pin
is pulled low by an internal NMOS. When the charge cycle is completed, the pin
could be pulled High by an external pull high resistor.
4
VIN
VIN is the input power source. Connect to a wall adapter.
5
BAT
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is
needed for stability when there is no battery attached. When a battery is
attached, only a 1uF ceramic capacitor is required.
6
ISET
Charge Current Program. The charge current is programmed by connecting a
1% resistor(RISET) to ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com