Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4067 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP4067
Description  800mA Single Chip Li-ion and Li-Polymer Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4067 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP4067 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4067 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4067 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4067 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4067 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4067 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4067 Datasheet HTML 7Page - Lowpower Semiconductor inc LP4067 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
LP4067-01
Dec.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 8
Preliminary Datasheet
LP4067
Functional Pin Description
Package Type
Pin Configurations
LP4067AB6F
LP4067TB6F
SOT23-6
5
1
3
6
4
EN
2
GND
CHRG
ISET
BAT
VIN
5
1
3
6
4
TS
2
GND
VIN
ISET
CHRG
BAT
Pin Description
NAME
No.
DESCRIPTION
LP4067A
LP4067T
EN
1
Charge Enable Input (active low).
TS
1
Temperature senses voltage input.
GND
2
2
GND is the connection to system ground.
CHRG
3
5
Open-Drain Charge Status Output. When the battery is charging, the CHRG
pin is pulled low by an internal NMOS. When the charge cycle is completed,
the pin could be pulled High by an external pull high resistor.
VIN
4
3
VIN is the input power source. Connect to a wall adapter.
BAT
5
4
BAT is the connection to the battery. Typically a 10µF Tantalum capacitor is
needed for stability when there is no battery attached. When a battery is
attached, only a 1uF ceramic capacitor is required.
ISET
6
6
Charge Current Program. The charge current is programmed by connecting a
1% resistor(RISET) to ground.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com