Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP4075 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP4075
Description  600mA Standalone Linear Li-Ion Battery Charger
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP4075 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP4075 Datasheet HTML 1Page - Lowpower Semiconductor inc LP4075 Datasheet HTML 2Page - Lowpower Semiconductor inc LP4075 Datasheet HTML 3Page - Lowpower Semiconductor inc LP4075 Datasheet HTML 4Page - Lowpower Semiconductor inc LP4075 Datasheet HTML 5Page - Lowpower Semiconductor inc LP4075 Datasheet HTML 6Page - Lowpower Semiconductor inc LP4075 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
LP4075-00
Aug.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 7
Preliminary Datasheet
LP4075
Function Block Diagram
STAT
ISET
GND
BAT
VIN
CA
MA
VA
C1
C2
C3
REF
SHDN
TO BAT
VCC
R3
R4
R5
R2
R1
1000X
1X
+
+
+
+
+
+
-
-
-
-
-
-
Absolute Maximum Ratings
Note1
Input to GND(VIN) --------------------------------------------------------------------------------------------------- -0.3V to 10V
BAT to GND ---------------------------------------------------------------------------------------------------------------- -5V to 8V
Other Pin to GND ------------------------------------------------------------------------------------------------------ -0.3V to 8V
BAT Short-circuit Duration ------------------------------------------------------------------------------------------- Continuous
Maximum Junction Temperature ----------------------------------------------------------------------------------------- 125℃
Operating Junction Temperature Range (TJ) --------------------------------------------------------------- -20℃ to 85℃
Maximum Soldering Temperature (at leads, 10 sec)
-------------------------------------------------------------- 260℃
Note1. Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Maximum Power Dissipation (SOT23-5, PD, TA=25°C) ----------------------------------------------------------- 0.45W
Thermal Resistance (SJA) ---------------------------------------------------------------------------------------------- 250℃/W
ESD Susceptibility
HBM(Human Body Mode) ---------------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) ------------------------------------------------------------------------------------------------------------ 200V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com