Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6221A Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6221A
Description  High Efficiency 10A Boost DC/DC Convertor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6221A Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6221A Datasheet HTML 1Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 2Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 3Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 4Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 5Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 6Page - Lowpower Semiconductor inc LP6221A Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LP6221A
Feb.-2019
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 7
Preliminary Datasheet
LP6221A
Functional Pin Description
Package Type
Pin Configurations
ESOP-8
1
2
3
4
8
7
6
5
FB
OD
LX
LX
EN
VIN
OC
GND
GND
9(PAD)
ESOP-8
(Top View)
Pin Description
Pin No.
Name
Description
1
FB
Regulation Feedback Input. The feedback voltage is 1.16V.
2
OD
Output Disconnect Control Pin.
3/4
LX
Switching Pin.
5/9
GND
Ground Pin.
6
OC
Over Current Protection Program Pin. Connect a resistance to GND.
7
VIN
Power Supply Pin.
8
EN
Chip Enable Pin. Active high



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com