Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6222 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP6222
Description  High Efficiency Boost DC/DC Convertor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6222 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP6222 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6222 Datasheet HTML 9Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LP6222-01
May.-2018
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 2 of 9
Preliminary Datasheet
LP6222
Functional Pin Description
Package Type
Pin Configurations
SOT23-6
1
2
3
4
5
6
LX
GND
FB
ISET
VIN
EN
ESOP8
LX
LX
1
2
3
4
5
6
7
8
FB
GND
EN
VIN
ISET
GND
GND
9
Pin
Name
Description
SOT23-6
ESOP8
1
3/4
LX
switching pin.
2
1/5/9
GND
Ground.
3
2
FB
Regulation Feedback Input. Connect to an external resistive voltage
divider from the output to FB to set the output voltage.
4
8
EN
Regulator ON/OFF Control Input. A logic high input(VEN>1.4V) turns on
the regulator. A logic low input(VEN<0.4V) puts the LP6222 into low
current shutdown mode.
5
7
VIN
Power Supply pin.
6
6
ISET
Set LX current.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com