Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6239 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP6239
Description  High Efficiency Boost DC/DC Controller
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6239 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP6239 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6239 Datasheet HTML 6Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Preliminary Datasheet
LP6239
Email: marketing@lowpowersemi.com www.lowpowersemi.com
Page 1 of 6
LP6239 Version 0.1 JUL-2019
High Efficiency Boost DC/DC Controller
General Description
The LP6239 is a high performance non-synchronous
boost converter controller that drives N-channel
power
MOSFETs.
Synchronous
rectification
increases efficiency, reduces power losses and
eases thermal requirements, allowing the LP6239 to
be used in high power boost applications.
A 2.5V to 6V input supply range encompasses a wide
range of system architectures. The LP6239 features
operating fixed-frequency at 600kHz and a 1.215V
reference voltage. The CS pin can adjustable the
current
limited
and
slope
compensation
by
permutations the external resistor .
Other features include over current protection (OCP),
output
over
voltage
protection
(OVP),
and
under-voltage lockout (UVLO). The LP6239 is
available in SOP-8 (0.5mm pitch) package.
Order Information
LP6239□□□
F: Green
Package Type
SO: SOP-8
Features
Wide VIN Range: 2.5V to 6V
Current-Mode PWM Controller
Under-Voltage Lockout
Over Current Protection
Under-Voltage Protection
Over-Temperature Protection
Available in SOP-8
RoHS Compliant and Halogen Free
Pb-Free Package
Applications
Battery Products
Audio Amplifier
Marking Information
Device
Marking
Package
Shipping
LP6239
LPS
LP6239
YWXXX
SOP-8
4K/REEL
Y is year code. W is week code. XXX is series number.


Similar Part No. - LP6239

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6230A POWER-LP6230A Datasheet
411Kb / 7P
High Efficiency 1.4A/30VBoost DC/DC Convertor
LP6230AMSF POWER-LP6230AMSF Datasheet
411Kb / 7P
High Efficiency 1.4A/30VBoost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
High Efficiency 2.4A Boost DC/DC Convertor
LP6230C POWER-LP6230C Datasheet
982Kb / 7P
1.0MHz,24V/2.0A High Performance, Boost Converter
LP6235 POWER-LP6235 Datasheet
420Kb / 6P
High Efficiency 3A Boost DC/DC Convertor
More results

Similar Description - LP6239

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP6203 POWER-LP6203 Datasheet
282Kb / 8P
High Efficiency Boost DC/DC Regulator
LP6212A POWER-LP6212A Datasheet
731Kb / 7P
High Efficiency 4A Boost DC/DC Convertor
LP6218 POWER-LP6218 Datasheet
714Kb / 9P
High Efficiency 2.1A Boost DC/DC Convertor
LP6226 POWER-LP6226 Datasheet
935Kb / 7P
High Efficiency Boost DC/DC Convertor
LP6230B POWER-LP6230B Datasheet
562Kb / 7P
High Efficiency 2.4A Boost DC/DC Convertor
logo
SHOUDING Shouding Semic...
SD6304 SHOUDING-SD6304 Datasheet
2Mb / 12P
High efficiency synchronous boost DC-DC converter
logo
Lowpower Semiconductor ...
LP6216 POWER-LP6216 Datasheet
596Kb / 8P
High Efficiency 3A Boost DC/DC Convertor
LP6222 POWER-LP6222 Datasheet
651Kb / 9P
High Efficiency Boost DC/DC Convertor
LP6240 POWER-LP6240 Datasheet
311Kb / 6P
High Efficiency Boost DC/DC Controller
logo
Shenzhen Huazhimei Semi...
HM1531 HMSEMI-HM1531 Datasheet
518Kb / 6P
HM1531 High Efficiency DC-DC Boost Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com