Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6299 Datasheet(PDF) 9 Page - Lowpower Semiconductor inc

Part # LP6299
Description  Programmable Gamma and VCOM Buffers
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6299 Datasheet(HTML) 9 Page - Lowpower Semiconductor inc

Back Button LP6299 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 9Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 10Page - Lowpower Semiconductor inc LP6299 Datasheet HTML 11Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Preliminary Datasheet
LP6299
Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 9 of 11
LP6299 Version 0.2 FEB.-2018
Application Information (Continued)
4. IIC REGISTER MAP
The lowest bit number (0) represents the least bit, the highest bit number (7) represents the most bit, and R/W
indicates whether the bit is read only (R), write only (W), or both read and write (R/W).
Register
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
BANK
Preset
EEPROM
NOTE
0x00
HOT_EN
LD_ROM WR_ROM
OUT_EN
02h
CONTROL
0x01
DVR[6:0]
80h
DVR_VCOM
0x02
GA1[9:4]
A
20h
Gamma1
Gamma2
0x03
GA1[3:0]
GA2[9:8]
02h
0x04
GA2[7:0]
00h
0x05
GA3[9:4]
20h
Gamma3
Gamma4
0x06
GA3[3:0]
GA4[9:8]
02h
0x07
GA4[7:0]
00h
0x08
G5[9:4]
20h
Gamma5
Gamma6
0x09
GA5[3:0]
GA6[9:8]
02h
0x0A
GA6[7:0]
00h
0x0B
GA7[9:4]
20h
Gamma7
Gamma8
0x0C
GA7[3:0]
GA8[9:8]
02h
0x0D
GA8[7:0]
00h
0x0E
GA9[9:4]
20h
Gamma9
Gamma10
0x0F
GA9[3:0]
GA10[9:8]
02h
0x10
GA10[7:0]
00h
0x11
GA11[9:4]
20h
Gamma11
Gamma12
0x12
GA11[3:0]
GA12[9:8]
02h
0x13
GA12[7:0]
00h
0x14
GA13[9:4]
20h
Gamma13
Gamma14
0x15
GA13[3:0]
G14[9:8]
02h
0x16
GA14[7:0]
00h
0x25
GB1[9:4]
B
20h
Gamma1
Gamma2
0x26
GB1[3:0]
GB2[9:8]
02h
0x27
GB2[7:0]
00h
0x28
GB3[9:4]
20h
Gamma3
Gamma4
0x29
GB3[3:0]
GB4[9:8]
02h
0x2A
GB4[7:0]
00h
0x2B
GB5[9:4]
20h
Gamma5
Gamma6
0x2C
GB5[3:0]
GB6[9:8]
02h
0x2D
GB6[7:0]
00h
0x2E
GB7[9:4]
20h
Gamma7
Gamma8
0x2F
GB7[3:0]
GB8[9:8]
02h
0x30
GB8[7:0]
00h
0x31
GB9[9:4]
20h
Gamma9
Gamma10
0x32
GB9[3:0]
GB10[9:8]
02h
0x33
GB10[7:0]
00h
0x34
GB11[9:4]
20h
Gamma11
Gamma12
0x35
GB11[3:0]
GB12[9:8]
02h
0x36
GB12[7:0]
00h
0x37
GB13[9:4]
20h
Gamma13
Gamma14
0x38
GB13[3:0]
GB14[9:8]
02h
0x39
GB14[7:0]
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com