Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP6480 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP6480
Description  600KHz, 16V/2A Synchronous Step-down Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP6480 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP6480 Datasheet HTML 1Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 2Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 3Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 4Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 5Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 6Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 7Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 8Page - Lowpower Semiconductor inc LP6480 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LP6480-01
Apr.-2017
Email: marketing@lowpowersemi.com
www.lowpowersemi.com
Page 3 of 10
Preliminary Datasheet
LP6480
Function Diagram
Absolute Maximum Ratings
Note 1
Input and VOUT to GND(VIN,EN) ----------------------------------------------------------------------------- -0.3V to 28V
SW voltage to GND ----------------------------------------------------------------------------------------------- -0.3V to 28V
VEN voltage to GND ---------------------------------------------------------------------------------------------- -0.3V to 18V
BS voltage to GND ----------------------------------------------------------------------------------------------------- VSW+6V
FB pin voltage to GND ---------------------------------------------------------------------------------------------- -0.3V to 6V
Junction Temperature ----------------------------------------------------------------------------------------------------- 150°C
Storage Temperature ------------------------------------------------------------------------------------------ -65℃ to 165℃
Operating Ambient Temperature Range (TA) -------------------------------------------------------------- -40℃ to 85°C
Maximum Soldering Temperature (at leads, 10 sec) -------------------------------------------------------------- 260°C
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Thermal Information
Maximum Power Dissipation (SOP8, PD,TA=25°C) ----------------------------------------------------------------- 1.5W
Thermal Resistance (SOP8, θJA) ------------------------------------------------------------------------------------- 80℃/W
ESD Susceptibility
HBM(Human Body Mode) -------------------------------------------------------------------------------------------------- 2KV
MM(Machine Mode) --------------------------------------------------------------------------------------------------------- 200V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com