Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS400S Datasheet(PDF) 3 Page - Transcend Information. Inc.

Part # MTS400S
Description  SATA III M.2 Solid State Drive
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

MTS400S Datasheet(HTML) 3 Page - Transcend Information. Inc.

  MTS400S Datasheet HTML 1Page - Transcend Information. Inc. MTS400S Datasheet HTML 2Page - Transcend Information. Inc. MTS400S Datasheet HTML 3Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SATA III 6Gb/s
M.2 SSD 400S
SATA III 6Gb/s
M.2 SSD 600S
SATA III 6Gb/s
M.2 SSD 800S
Technology
Storage
Performance
Flash Type
Capacity
5 g (0.18 oz)
7 g (0.25 oz)
9 g (0.32 oz)
MLC NAND flash
32GB ~ 256GB
32GB ~ 256GB
32GB ~ 128GB
Operating Environment
Operating Temperature
0°C (32°F) ~ 70°C (158°F)
Warranty
Warranty
Three-year Limited Warranty
Appearance
Dimensions
Weight
42.0 mm x 22.0 mm x 3.58 mm
(1.65" x 0.87" x 0.14")
60.0 mm x 22.0 mm x 3.58 mm
(2.36" x 0.87" x 0.14")
80.0 mm x 22.0 mm x 3.58 mm
(3.15" x 0.87" x 0.14")
TRIM & NCQ Command
S.M.A.R.T.
DDR3 DRAM Cache
Advanced Garbage Collection
DevSleep Mode
RAID Engine
LDPC Coding
Drive Writes Per Day (DWPD)
Terabytes Written (TBW)
Mean Time Between Failures
(MTBF)
4K Random Read/Write
(IOmeter)
Sequential Read/Write
(CrystalDiskMark)
2,000,000 hour(s)
740 TB
740 TB
360 TB
2.5 (3 yrs)
SATA III M.2 SSDs
Comparison
-
-
-
-
-
-
*Speed may vary due to host hardware, software, usage, and storage capacity.
www.transcend-info.com
Read: 530 MB/s
Write: 200 MB/s
Read: 70,000 IOPS
Write: 50,000 IOPS
Read: 530 MB/s
Write: 400 MB/s
Read: 70,000 IOPS
Write: 70,000 IOPS
Read: 530 MB/s
Write: 400 MB/s
Read: 70,000 IOPS
Write: 70,000 IOPS
© Transcend Information, Inc. All Rights Reserved.
www.transcend-info.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com