Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS800I Datasheet(PDF) 1 Page - Transcend Information. Inc.

Part # MTS800I
Description  SATA III M.2 SSDs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSCEND [Transcend Information. Inc.]
Direct Link  http://www.transcendusa.com
Logo TRANSCEND - Transcend Information. Inc.

MTS800I Datasheet(HTML) 1 Page - Transcend Information. Inc.

  MTS800I Datasheet HTML 1Page - Transcend Information. Inc. MTS800I Datasheet HTML 2Page - Transcend Information. Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Embedded Solutions
Transcend’s MTS800 with SATA III 6Gb/s interface and ultra compact dimensions make it best suited to address the
high-performance needs and strict size limitations of small form factor devices. This means it is perfect for use in
today’s modern ultrabooks, thin and light notebooks, and tablets. Built with the latest SATA III 6Gb/s specications,
and with a powerful controller and exceptional transfer speeds, the M.2 SSD easily handles everyday computing
tasks as well as demanding multimedia applications.
Transcend also o ers the MTS800I with wide temperature (-40°C ~ 85°C) capabilities to ensure sustained
functionality, enhanced endurance and optimal reliability in mission-critical applications.
Space-saving M.2 form factor (80mm) – ideal for mobile computing devices
Wide-temperature model available: promised operational reliability in a
wide temperature range (from -40°C ~ 85°C)
DRAM cache
Supports S.M.A.R.T., TRIM and NCQ command
Compliant with RoHS 2.0 standards
Power-saving DevSleep (Device Sleep) mode
MLC NAND Flash
•
•
•
•
•
•
•
Features
SATA III M.2 SSDs
MTS800 & MTS800I
16GB
32GB
64GB
128GB
256GB
512GB
1TB
TS16GMTS800
TS32GMTS800
TS64GMTS800
TS128GMTS800
TS256GMTS800
TS512GMTS800
TS1TGMTS800
Ordering Information
Standard (0°C~ 70°C)
Wide Temp. (-40°C~ 85°C)
16GB
32GB
64GB
128GB
256GB
512GB
TS16GMTS800I
TS32GMTS800I
TS64GMTS800I
TS128GMTS800I
TS256GMTS800I
TS512GMTS800I
© Transcend Information, Inc. All Rights Reserved.
www.transcend-info.com


Similar Part No. - MTS800I

ManufacturerPart #DatasheetDescription
logo
Lorlin Electronics Ltd.
MTS-11-10 LORLIN-MTS-11-10 Datasheet
560Kb / 2P
MT SUBMINIATURE ROTARY SWITCH
MTS-11-10 LORLIN-MTS-11-10 Datasheet
440Kb / 1P
MT SUBMINIATURE ROTARY SWITCH
MTS-11-20 LORLIN-MTS-11-20 Datasheet
440Kb / 1P
MT SUBMINIATURE ROTARY SWITCH
MTS-11-30 LORLIN-MTS-11-30 Datasheet
440Kb / 1P
MT SUBMINIATURE ROTARY SWITCH
MTS-11-40 LORLIN-MTS-11-40 Datasheet
440Kb / 1P
MT SUBMINIATURE ROTARY SWITCH
More results

Similar Description - MTS800I

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EMIO-200SA-MP01E ADVANTECH-EMIO-200SA-MP01E Datasheet
689Kb / 1P
PCIe to 2-Ch SATA III Port Module
SQF-SMS640 ADVANTECH-SQF-SMS640 Datasheet
696Kb / 1P
SATA III (6.0Gb) mSATA
SQF-SM8910S ADVANTECH-SQF-SM8910S Datasheet
707Kb / 1P
SATA III (6.0Gb) M.2 2280 SSD
logo
Transcend Information. ...
MTS400 TRANSCEND-MTS400 Datasheet
284Kb / 2P
SATA III M.2 SSDs
MTS400S TRANSCEND-MTS400S Datasheet
780Kb / 3P
SATA III M.2 Solid State Drive
logo
Advantech Co., Ltd.
EMIO-200SA ADVANTECH-EMIO-200SA Datasheet
688Kb / 1P
PCIe to 2-Ch SATA III Port Module
24-Feb-2016
SQF-S4B-650 ADVANTECH-SQF-S4B-650 Datasheet
424Kb / 1P
SATA III (6.0Gb) M.2 2242 SSD
1-Aug-2022
SQF-S8B-650 ADVANTECH-SQF-S8B-650 Datasheet
385Kb / 1P
SATA III (6.0Gb) M.2 2280 SSD
31-May-2022
SQF-SM8-830 ADVANTECH-SQF-SM8-830 Datasheet
675Kb / 1P
SATA III (6.0Gb) M.2 2280 SSD
21-Jun-2017
SQF-SM8-910S ADVANTECH-SQF-SM8-910S Datasheet
688Kb / 1P
SATA III (6.0Gb) M.2 2280 SSD
25-Nov-2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com