Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR28WD40 Datasheet(PDF) 2 Page - Shanghai Cyanlite Technology Co., Ltd.

Part # PR28WD40
Description  LED Round Panel Light - CYNTHIA
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYANLITE [Shanghai Cyanlite Technology Co., Ltd.]
Direct Link  https://www.cyanlite.com
Logo CYANLITE - Shanghai Cyanlite Technology Co., Ltd.

PR28WD40 Datasheet(HTML) 2 Page - Shanghai Cyanlite Technology Co., Ltd.

  PR28WD40 Datasheet HTML 1Page - Shanghai Cyanlite Technology Co., Ltd. PR28WD40 Datasheet HTML 2Page - Shanghai Cyanlite Technology Co., Ltd. PR28WD40 Datasheet HTML 3Page - Shanghai Cyanlite Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Cyanlite LED Round Panel Light
2 / 3
www.cyanlite.com
+86-21-3157 9655
sales@cyanlite.com
No. 885, Sub-Lane 3, Lane 699, Nanliu Road, Shanghai 201399, China
Detailed Structure & Dimension
Light Distribution
down light only
up & down opalic
up & down transparent
up & down opalic S
Installation
Pendant
Stem mounting
Disc surface & Clip recessed
Model
D40
D50
D60
D80
D100
D120
Diameter 400±2mm 500±2mm 600±2mm 780±2mm 1000±2mm 1200±2mm
Height
20±2mm
20±2mm
20±2mm
20±2mm
20±2mm
20±2mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com