Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WADE-8022 Datasheet(PDF) 1 Page - American Portwell Technology, Inc

Part # WADE-8022
Description  Intel짰 Core??i3/i5/i7 mobile processor based Mini-ITX Board with dual Gigabit Ethernet, four SATA III ports, Six COM ports, one PCIe x16 expansion slot and Dual Mini-PCIe slot with mSATA interface
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PORTWELL [American Portwell Technology, Inc]
Direct Link  www.portwell.com
Logo PORTWELL - American Portwell Technology, Inc

WADE-8022 Datasheet(HTML) 1 Page - American Portwell Technology, Inc

  WADE-8022 Datasheet HTML 1Page - American Portwell Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
51
Mini-ITX-WADE-8022
WADE-8022
AB1-3A77
(R).WADE-8022.Mini-ITX ESB.Intel
QM87chipset on Board. w/DDR3L SO-DIMM/
DVI-I /DP/HDMI/Dual GbE Lan/COM/Audio/USB
ORDERING GUIDE
FEATURES
GENERAL
Processor
- Intel® 4th Dual/Quad processor in FCBGA1364
- Cache up to 6MB (for Quad Core)
- support Intel® Turbo Boost Technology, Virtualization Technology (VT-x), Hyper-
Threading Technology
Chipset
Intel QM87 PCH
BIOS
AMI UEFI BIOS
Memory
Support up to 16GB DDR3L 1066/1333 SDRAM on two 204pin SO-DIMM
Storage Devices
4x SATA 3.0 support up to 6Gb/s data transfer rate
Watchdog Timer
Programmable by embedded controller
Expansion Interface
- 1x PCI Express x16 slot (Gen3)
- 2x Mini-PCIe slot(switch function)
- 1x PCI Express x1 Gold Finger
„
Intel® 4th Dual/Quad processor in
FCBGA1364
„
Intel® QM87 PCH
„
Two DDR3L SO-DIMM slots up to 16GB
(supports 1600/1333)
„
One PCIe x16 slot (Gen3 support)
„
Dual Mini-PCIe slot (supports mSATA)
„
One PCIe x1 Gold Finger (Two PCIe x1
signal)
„
Six COM ports (2pcs on rear I/O, 4pcs on
board header)
„
Four SATA III Ports (supports RAID
0,1,5,10)
„
Total Ten USB ports (4xUSB3.0 Ports &
6xUSB2.0 Ports)
WADE-8022 is based on Intel® QM87 chipset
and Mobile processor sku like Core™ i3/i5
and i7(BGA type). WADE-8022 of the Intel
platform will provide high performance and
flexibility for functional expansion, such as
Gaming, Kiosk, DS, Medical, Defense, Indus-
trial automation and control applications.
Super I/O
N/A
Audio
- Intel® QM87 PCH built in HDA controller
- Realtek ALC886-GR HAD codec,5.1 channels
Ethernet
Onboard Intel® WGI217LM & WGI210AT
Serial port
- 1x RS232 port on rear I/O
- 1x RS232/422/485 selectable port on rear I/O
- 4x RS232 port on pin header
USB
- 6 ports USB2.0
- 4 ports USB3.0
Keyboard & Mouse
KBC controller integraded in embedded controller
GPIO
8bit congfigurable controlled by embedded controller
I/O INTERFACE
Mechanical & Environment
Dimension
170mm(L) x 170mm(W) x 1.6mm(H)
Power Supply
12V DC input
Environment
- Operation temperature: 0~60°C
- Storage temperature: 40~80°C
- Relative humidity: 5~95%, non-condensing
MTBF
Over 120,000hrs at 40°C
One WADE-8022 motherboard
One Driver CD
One SATA cable
PACKING LIST
REAR I/O
DISPLAY
Graphic Controller
- Intel® HD Graphics 4600 supports DirectX 11, OCL 1.2, OGL 3.2
-Video decode hardware acceleration supports for H.264, MPEG2, MVC, VC-1,
WMV9 and VP8 formats
Display Interface
- DP: resolution up to 2500x1600
- VGA: resolution up to 2048x1536
- DVI:resolution up to 1920x1200
- HDMI: resolution up to 4096x2304
- LVDS: resolution up to 1920x1200
Intel® Core™ i3/i5/i7 mobile processor based
Mini-ITX Board with dual Gigabit Ethernet, four
SATA III ports, Six COM ports, one PCIe x16
expansion slot and Dual Mini-PCIe slot with
mSATA interface
Four com ports
LVDS
Six USB2.0 ports
Dual Mini-PCIe slot
Four SATA III ports
Audio Pin head
SEB Gold finger
PCIe x16 slot
Dual DDR3L
SO-DIMM socket
DC in
RS232/422/485
Dual LAN
USB3.0
DP
RS232
DVI-I
HDMI
Audio out
Jack
DVI-D
VGA
USB
2.0/3.0
SATA
3Gb
GPIO
EC
LVDS
HDMI
Giga LAN
Giga
Watch DOG
I
2C
CFEX


Similar Part No. - WADE-8022

ManufacturerPart #DatasheetDescription
logo
American Portwell Techn...
WADE-8020 PORTWELL-WADE-8020 Datasheet
105Kb / 1P
Intel짰 CoreTM i5/ i7 processor based Mini-ITX with DDR3 SDRAM, Dual Display, Dual Gigabit Ethernet and USB Ports
More results

Similar Description - WADE-8022

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-273 ADVANTECH-AIMB-273 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with 2 DP/HDMI/LVDS/CRT, 2 COM, Dual LAN, PCIe x16
AIMB-270 ADVANTECH-AIMB-270_12 Datasheet
2Mb / 2P
Intel짰 Core??i7/i5/Celeron uFC-PGA989 Mini-ITX with CRT/2DVI/LVDS, 6 COM, Dual LAN, PCIe x16
AIMB-272 ADVANTECH-AIMB-272 Datasheet
2Mb / 2P
Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with CRT/DVI/HDMI/LVDS, 6 COM, Dual LAN, PCIe x16
AIMB-273 ADVANTECH-AIMB-273_13 Datasheet
699Kb / 2P
Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with 2 DP/HDMI/LVDS/CRT, 2 COM, Dual LAN, PCIe x16
AIMB-280 ADVANTECH-AIMB-280_12 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3/Pentium짰 LGA1156 Mini-ITX with CRT/DVI, 2 COM, Dual LAN, PCIe x16
AIMB-203 ADVANTECH-AIMB-203 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3 LGA 1150 Mini-ITX with CRT/DP/DVI/LVDS, 9 COM, Dual LAN, PCIe x16
AIMB-274 ADVANTECH-AIMB-274 Datasheet
1,009Kb / 2P
Intel짰 Core??i7/i5/i3 LGA 1150 Mini-ITX with VGA/DP/HDMI(DP)/LVDS(eDP),2 COM, Dual LAN, PCIe x16
AIMB-281 ADVANTECH-AIMB-281 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3/Celeron LGA1155 Mini-ITX with CRT/DVI/LVDS, 6 COM,Dual LAN, PCIe x4
logo
American Portwell Techn...
WADE-8020 PORTWELL-WADE-8020 Datasheet
105Kb / 1P
Intel짰 CoreTM i5/ i7 processor based Mini-ITX with DDR3 SDRAM, Dual Display, Dual Gigabit Ethernet and USB Ports
logo
Advantech Co., Ltd.
AIMB-281 ADVANTECH-AIMB-281_V01 Datasheet
1Mb / 2P
Intel짰 Core??i7/i5/i3/Celeron LGA1155 Mini-ITX with CRT/DVI/LVDS, 6 COM, Dual LAN, PCIe x4
15-Feb-2016
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com