Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

880 Datasheet(PDF) 4 Page - B&K Precision Corporation

Part # 880
Description  40,000-Count Dual-Display Handheld LCR Meters
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BK [B&K Precision Corporation]
Direct Link  https://www.bkprecision.com/
Logo BK - B&K Precision Corporation

880 Datasheet(HTML) 4 Page - B&K Precision Corporation

  880 Datasheet HTML 1Page - B&K Precision Corporation 880 Datasheet HTML 2Page - B&K Precision Corporation 880 Datasheet HTML 3Page - B&K Precision Corporation 880 Datasheet HTML 4Page - B&K Precision Corporation 880 Datasheet HTML 5Page - B&K Precision Corporation 880 Datasheet HTML 6Page - B&K Precision Corporation 880 Datasheet HTML 7Page - B&K Precision Corporation 880 Datasheet HTML 8Page - B&K Precision Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
40,000-Count Dual-Display Handheld LCR Meters
Models 878B, 879B, and 880
4
www.bkprecision.com
Specifications
Model
878B
879B
880
Measurement Parameters
L/C/R/D/Q
L/C/R/Z/D/Q/
θ/ESR
L/C/R/Z/DCR/D/Q/
θ/ESR
Test Frequency Setting
120 Hz, 1 kHz
100 Hz,120 Hz, 1 kHz, 10 kHz
100 Hz,120 Hz, 1 kHz, 10 kHz, 100 kHz
Actual Frequency (±0.02%)
120.048 Hz, 1 kHz
100 Hz, 120.048 Hz, 1 kHz, 10 kHz
100 Hz, 120.048 Hz, 1 kHz, 10 kHz, 100 kHz
Tolerance Mode
1%, 5%, 10%
1%, 5%, 10%, 20%
Backlit Display
None
Yes
Test Signal Level (Typical)
0.6 Vrms
0.3 Vrms, 0.6 Vrms, 1 Vrms.
DCR signal: 1 Vdc
Measuring Circuit Mode
Series mode / Parallel mode
Basic Accuracy
0.5%
0.1%
Ranging Mode
Auto
Measuring Terminals
3 terminals with sockets
3-terminal, 5-terminal with sockets
Measurement Rate
1.5 readings/sec (auto range search not included)
LCRZ: 4 readings/sec (Fast), 1.5 readings/sec (Slow)
DCR: 3 readings/sec (Fast), 2.5 readings/sec (Slow)
Response Time (Typical)
680 ms
Auto Power-Off
5, 15, 30, 60 minutes, none
Operating Temperature
32° F to 104° F (0° to 40° C); 0-70% R.H.
32° F to 104° F (0° to 40° C); ≤90% R.H.
Storage Temperature
-4° F to 122 °F (-20° to +50° C); 0-80% R.H.
-4° F to 104° F (-20° to 50° C); 0-90% R.H.
Low Battery Indication (Typical)
6.8 V
Battery Life (Typical)
16 hours using alkaline battery (at 1 kHz with 100 Ω DUT, backlight off), 6 hours using Ni-MH (880 only)
Power Consumption (Typical)
28 mA (under full power battery) for operation/ 2 µA (11 µA 880 only) after power-off.
Power Requirements
9V battery or Ext. AC adapter*: DC 12 Vmin –15 Vmax. (load 50 mA Min.)
Dimensions (L x W x H)
7.5” x 3.5” x 1.6” (190 × 90 × 41) mm
Weight
0.767 lbs (348 g) without battery
Safety
EN61010-1:2001, EU Low Voltage Directive 2006/95/EC
Electromagnetic Compatibility
Meets EMC Directive 2004/108/EC, EN61326-1:2006
Three-Year Warranty
Standard Accessories
Banana-to-alligator test leads, 9 V battery, mini USB interface cable,
manual, AC adapter* (879B only)
Banana-to-alligator test leads, Ni-MH 9 V battery, mini
USB interface cable, Quick Start insert, AC adapter*
shorting plate, four-terminal shielded Kelvin clip test
leads (TL8KC1), SMD tweezer (TL8SM)
General
* The 879B and 880 include a 120 V AC adapter. For a 230 V AC adapter, order model 879B-220 V or 880-220 V. The AC adapters are optional accessories for the 878B.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com