Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85HF Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 85HF
Description  Standard Recovery Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

85HF Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  85HF Datasheet HTML 1Page - Inchange Semiconductor Company Limited 85HF Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
85HF(R)
Standard Recovery Diodes
FEATURES
·
High surge current capability
·
Stud cathode and stud anode version
·
Designed and qualified for industrial and consumer level
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
Battery charges
·
Converters
·
Power supplies
·
Machine tool controls
Case Style DO-5
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
10-120
140-160
VRRM
Repetitive Peak Reverse Voltage
100-1200
1400-1600
V
IF(AV)
Average Forward Current
TC=140℃,
180° conduction, half sine wave
85
A
TC=110℃,
180° conduction, half sine wave
85
IFSM
Surge Forward Current
t=10ms
No voltage
reapplied
1700
A
t=8.3ms
1800
t=10ms
100%
VRRM
reapplied
1450
t=8.3ms
1500
I2t
I2t for fusing
t=10ms
No voltage
reapplied
14500
A2s
t=8.3ms
13500
t=10ms
100%
VRRM
reapplied
10500
t=8.3ms
9400
TJ
Junction Temperature
-65~180
-65~150
℃
Tstg
Storage Temperature
-65~180
-65~150
℃


Similar Part No. - 85HF

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
85HF NAINA-85HF Datasheet
78Kb / 1P
SILICON POWER DIODE
logo
International Rectifier
85HF IRF-85HF Datasheet
119Kb / 8P
STANDARD RECOVERY DIODES
logo
New Jersey Semi-Conduct...
85HF NJSEMI-85HF Datasheet
116Kb / 4P
STANDARD RECOVERY DIODES
logo
Vishay Siliconix
85HF VISHAY-85HF Datasheet
145Kb / 9P
Standard Recovery Diodes, (Stud Version), 85 A
25-May-09
logo
TRANSYS Electronics Lim...
85HF-10 TEL-85HF-10 Datasheet
202Kb / 1P
STANDARD RECOVERY DIODE
More results

Similar Description - 85HF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16F IRF-16F Datasheet
71Kb / 6P
STANDARD RECOVERY DIODES
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
Standard Recovery Diodes, Standard Recovery Diodes,
07-Apr-14
logo
Nell Semiconductor Co.,...
NKE600 NELLSEMI-NKE600_17 Datasheet
685Kb / 5P
Standard Recovery Diodes
D1100B NELLSEMI-D1100B_17 Datasheet
832Kb / 7P
Standard Recovery Diodes
D3800E NELLSEMI-D3800E_17 Datasheet
667Kb / 5P
Standard Recovery Diodes
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
Standard Recovery Diodes, Standard Recovery Diodes,
11-Jan-18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com