Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C331MPFS32A-166TQC Datasheet(PDF) 13 Page - Alliance Semiconductor Corporation

Part # AS7C331MPFS32A-166TQC
Description  3.3V 1M x 32/36 pipelined burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MPFS32A-166TQC Datasheet(HTML) 13 Page - Alliance Semiconductor Corporation

Back Button AS7C331MPFS32A-166TQC Datasheet HTML 9Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 10Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 11Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 12Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 13Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 14Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 15Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 16Page - Alliance Semiconductor Corporation AS7C331MPFS32A-166TQC Datasheet HTML 17Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
12/23/04, v.2.9
Alliance Semiconductor
13 of 19
AS7C331MPFS32A
AS7C331MPFS36A
®
Timing waveform of read/write cycle (ADSP Controlled; ADSC High)
Note: Ý = XOR when LBO = high/no connect; Ý = ADD when LBO = low.
tCH
tCYC
tCL
tADSPS
tADSPH
tAS
tAH
tWS
tWH
tADVS
tDS tDH
tOH
CLK
ADSP
Address
GWE
CE0, CE2
ADV
OE
Din
Dout
tCD
tADVH
tLZOE
tOE
tLZC
Q(A1)
Q(A3Ý01)
D(A2)
Q(A3)
Q(A3Ý10)
Q(A3Ý11)
A1
A2
A3
CE1
tHZOE
DSEL
Suspend
Read
Q(A1)
Read
Q(A1)
Suspend
Write
D(A 2)
ADV
Burst
Read
Q(A 3Ý01)
ADV
Burst
Read
Q(A 3Ý10)
ADV
Burst
Read
Q(A 3Ý11)
Read
Q(A2)
Read
Q(A3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com